Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL602J Datasheet (PDF) - Advanced Power Technology

APL602J Datasheet PDF - Advanced Power Technology
Part # APL602J
Download  APL602J Download
File Size   74.19 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description LINEAR MOSFET 600V 43A 0.125?

APL602J Datasheet (PDF)

Go To PDF Page Download Datasheet
APL602J Datasheet PDF - Advanced Power Technology

Part # APL602J
Download  APL602J Click to download

File Size   74.19 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description LINEAR MOSFET 600V 43A 0.125?

APL602J Datasheet (HTML) - Advanced Power Technology




Similar Part No. - APL602J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APL602B2 ADPOW-APL602B2 Datasheet
71Kb / 4P
LINEAR MOSFET 600V 49A 0.125?
APL602L ADPOW-APL602L Datasheet
71Kb / 4P
LINEAR MOSFET 600V 49A 0.125?
More results


Similar Description - APL602J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75842P3 FAIRCHILD-HUF75842P3 Datasheet
197Kb / 10P
43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75842P3 INTERSIL-HUF75842P3 Datasheet
123Kb / 9P
43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
1999 12
logo
International Rectifier
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF3415S IRF-IRF3415S Datasheet
156Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRFP3415 IRF-IRFP3415 Datasheet
92Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
logo
Advanced Power Technolo...
APL602B2 ADPOW-APL602B2 Datasheet
71Kb / 4P
LINEAR MOSFET 600V 49A 0.125?
logo
MagnaChip Semiconductor...
MDD3752 MGCHIP-MDD3752 Datasheet
782Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDD3752A MGCHIP-MDD3752A Datasheet
897Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
logo
Rohm
RS1G150MN ROHM-RS1G150MN Datasheet
2Mb / 14P
Nch 40V 43A Power MOSFET
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com