Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4429 Datasheet (PDF) - Anpec Electronics Coropration

APM4429 Datasheet PDF - Anpec Electronics Coropration
Part # APM4429
Download  APM4429 Download
File Size   278.91 Kbytes
Page   9 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description P-Channel Enhancement Mode MOSFET

APM4429 Datasheet (PDF)

Go To PDF Page Download Datasheet
APM4429 Datasheet PDF - Anpec Electronics Coropration

Part # APM4429
Download  APM4429 Click to download

File Size   278.91 Kbytes
Page   9 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description P-Channel Enhancement Mode MOSFET

APM4429 Datasheet (HTML) - Anpec Electronics Coropration


APM4429 Product details

Features
• -30V/-13A ,
    RDS(ON)=8mW (typ.) @ VGS=-20V
    RDS(ON)=9mW (typ.) @ VGS=-10V
    RDS(ON)=13mW (typ.) @ VGS=-4.5V
• Super High Dense Cell Design
• Reliable and Rugged
• SOP-8 Package

Applications
• Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems




Similar Part No. - APM4429

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4429K ANPEC-APM4429K Datasheet
192Kb / 10P
P-Channel Enhancement Mode MOSFET
APM4429KC-TR ANPEC-APM4429KC-TR Datasheet
192Kb / 10P
P-Channel Enhancement Mode MOSFET
APM4429KC-TRL ANPEC-APM4429KC-TRL Datasheet
192Kb / 10P
P-Channel Enhancement Mode MOSFET
APM4429KC-TU ANPEC-APM4429KC-TU Datasheet
192Kb / 10P
P-Channel Enhancement Mode MOSFET
APM4429KC-TUL ANPEC-APM4429KC-TUL Datasheet
192Kb / 10P
P-Channel Enhancement Mode MOSFET
More results


Similar Description - APM4429

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com