Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4429 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM4429
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4429 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM4429 Datasheet HTML 1Page - Anpec Electronics Coropration APM4429 Datasheet HTML 2Page - Anpec Electronics Coropration APM4429 Datasheet HTML 3Page - Anpec Electronics Coropration APM4429 Datasheet HTML 4Page - Anpec Electronics Coropration APM4429 Datasheet HTML 5Page - Anpec Electronics Coropration APM4429 Datasheet HTML 6Page - Anpec Electronics Coropration APM4429 Datasheet HTML 7Page - Anpec Electronics Coropration APM4429 Datasheet HTML 8Page - Anpec Electronics Coropration APM4429 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Sep., 2003
APM4429
www.anpec.com.tw
3
Typical Characteristics
Transfer Characteristics
-VGS - Gate-to-Source Voltage (V)
Threshold Voltage vs. Junction Temperature
Tj - Junction Temperature (°C)
On-Resistance vs. Drain Current
-ID - Drain Current (A)
Output Characteristics
-VDS - Drain-to-Source Voltage (V)
012
34
0
10
20
30
40
50
T
j=125
oC
T
j=25
oC
T
j=-55
oC

-50 -25
0
25
50
75 100 125 150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
-I
DS =250µA

0
2040
6080
100
0.000
0.005
0.010
0.015
0.020
0.025
0.030
-V
GS=20V
-V
GS=10V

-V
GS=4.5V
02
46
8
10
0
10
20
30
40
50
-V
GS=2.5V
-V
GS=2V
-V
GS=3V
-V
GS= 4,5,6,7,8,9,10V




Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com