Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4429 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM4429
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4429 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM4429 Datasheet HTML 1Page - Anpec Electronics Coropration APM4429 Datasheet HTML 2Page - Anpec Electronics Coropration APM4429 Datasheet HTML 3Page - Anpec Electronics Coropration APM4429 Datasheet HTML 4Page - Anpec Electronics Coropration APM4429 Datasheet HTML 5Page - Anpec Electronics Coropration APM4429 Datasheet HTML 6Page - Anpec Electronics Coropration APM4429 Datasheet HTML 7Page - Anpec Electronics Coropration APM4429 Datasheet HTML 8Page - Anpec Electronics Coropration APM4429 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Sep., 2003
APM4429
www.anpec.com.tw
4
Typical Characteristics
-VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
On-Resistance vs. Junction Temperature
TJ- Junction Temperature (°C)
-VDS - Drain-to-Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
0
5
10
15
20
0.00
0.02
0.04
0.06
0.08

-I
D= 13A

-50 -25
0
25
50
75 100 125 150
0.50
0.75
1.00
1.25
1.50
1.75

-V
GS = 10V
-I
D = 13A

030
60
90
120
0
2
4
6
8
10
-V
DS= 15 V
-I
D= 13 A
0
5
10
15
20
25
30
0
1000
2000
3000
4000
5000
6000
7000
Frequency=1MHz

Crss
Coss
Ciss



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com