Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4429 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM4429
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4429 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

  APM4429 Datasheet HTML 1Page - Anpec Electronics Coropration APM4429 Datasheet HTML 2Page - Anpec Electronics Coropration APM4429 Datasheet HTML 3Page - Anpec Electronics Coropration APM4429 Datasheet HTML 4Page - Anpec Electronics Coropration APM4429 Datasheet HTML 5Page - Anpec Electronics Coropration APM4429 Datasheet HTML 6Page - Anpec Electronics Coropration APM4429 Datasheet HTML 7Page - Anpec Electronics Coropration APM4429 Datasheet HTML 8Page - Anpec Electronics Coropration APM4429 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Sep., 2003
APM4429
www.anpec.com.tw
6
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
e1
0.33
0.51
0.013
0.020
e2
1.27BSC
0.50BSC
φ 1
8°
8°
H
E
e1
e2
D
A
A1
0.004max.
1
L
SOP-8 pin ( Reference JEDEC Registration MS-012)
Packaging Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com