Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-301CNQ...PBF Datasheet (PDF) - Vishay Siliconix

VS-301CNQ...PBF Datasheet PDF - Vishay Siliconix
Part # VS-301CNQ...PBF
Download  VS-301CNQ...PBF Download
File Size   137.29 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 300 A

VS-301CNQ...PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-301CNQ...PBF Datasheet PDF - Vishay Siliconix

Part # VS-301CNQ...PBF
Download  VS-301CNQ...PBF Click to download

File Size   137.29 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 300 A

VS-301CNQ...PBF Datasheet (HTML) - Vishay Siliconix


VS-301CNQ...PBF Product details

FEATURES
• 175 °C TJ operation
• Center tap module
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• UL approved file E222165
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION / APPLICATIONS
The VS-301CNQ... center tap Schottky rectifier module
series has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175 °C junction temperature. Typical
applications are in high current switching power supplies,
plating power supplies, UPS systems, converters,
freewheeling diodes, welding, and reverse battery
protection.




Similar Part No. - VS-301CNQ...PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-301CNQ040PBF VISHAY-VS-301CNQ040PBF Datasheet
138Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQ045PBF VISHAY-VS-301CNQ045PBF Datasheet
137Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQPBF VISHAY-VS-301CNQPBF Datasheet
143Kb / 6P
High Performance Schottky Rectifier, 300 A
26-Mar-14
VS-301CNQPBF VISHAY-VS-301CNQPBF Datasheet
138Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQPBF VISHAY-VS-301CNQPBF_V01 Datasheet
138Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
More results


Similar Description - VS-301CNQ...PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300CNQ045PBF VISHAY-300CNQ045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
301CNQPBF VISHAY-301CNQPBF Datasheet
110Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
303CNQ100PBF VISHAY-303CNQ100PBF Datasheet
112Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
VSKCS301 VISHAY-VSKCS301 Datasheet
157Kb / 6P
Schottky Rectifier, 300 A
23-Apr-08
VS-301CNQPBF VISHAY-VS-301CNQPBF Datasheet
143Kb / 6P
High Performance Schottky Rectifier, 300 A
26-Mar-14
VS-300CNQ045PBF VISHAY-VS-300CNQ045PBF_17 Datasheet
141Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQ045PBF VISHAY-VS-301CNQ045PBF Datasheet
137Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-300CNQ045PBF VISHAY-VS-300CNQ045PBF_V01 Datasheet
140Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQPBF VISHAY-VS-301CNQPBF_V01 Datasheet
138Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-303CNQ100PBF VISHAY-VS-303CNQ100PBF_V01 Datasheet
141Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com