Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-301CNQ...PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-301CNQ...PBF
Description  High Performance Schottky Rectifier, 300 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-301CNQ...PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-301CNQ...PBF Datasheet HTML 1Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 2Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 3Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 4Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 5Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-301CNQ...PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 09-May-17
1
Document Number: 94176
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Rectifier, 300 A
FEATURES
• 175 °C TJ operation
• Center tap module
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• UL approved file E222165
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION / APPLICATIONS
The VS-301CNQ... center tap Schottky rectifier module
series has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175 °C junction temperature. Typical
applications are in high current switching power supplies,
plating
power
supplies,
UPS
systems,
converters,
freewheeling
diodes,
welding,
and
reverse
battery
protection.
PRIMARY CHARACTERISTICS
IF(AV)
300 A
VR
40 V, 45 V
Package
TO-244
Circuit configuration
Two diodes common cathode
Base common
cathode
Lug
terminal
anode 1
Lug
terminal
anode 2
TO-244
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
300
A
VRRM
Range
40/45
V
IFSM
tp = 5 μs sine
16 000
A
VF
150 Apk, TJ = 125 °C (per leg)
0.59
V
TJ
Range
-55 to +175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-301CNQ040PbF
VS-301CNQ045PbF
UNITS
Maximum DC reverse voltage
VR
40
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 132 °C, rectangular waveform
150
A
per device
300
Maximum peak one cycle non-repetitive
surge current per leg
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
16 000
10 ms sine or 6 ms rect. pulse
3200
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 21 A, L = 1 mH
202
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
30
A


Similar Part No. - VS-301CNQ...PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-301CNQ040PBF VISHAY-VS-301CNQ040PBF Datasheet
138Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQ045PBF VISHAY-VS-301CNQ045PBF Datasheet
137Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQPBF VISHAY-VS-301CNQPBF Datasheet
143Kb / 6P
High Performance Schottky Rectifier, 300 A
26-Mar-14
VS-301CNQPBF VISHAY-VS-301CNQPBF Datasheet
138Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQPBF VISHAY-VS-301CNQPBF_V01 Datasheet
138Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
More results

Similar Description - VS-301CNQ...PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300CNQ045PBF VISHAY-300CNQ045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
301CNQPBF VISHAY-301CNQPBF Datasheet
110Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
303CNQ100PBF VISHAY-303CNQ100PBF Datasheet
112Kb / 6P
Schottky Rectifier, 300 A
28-Apr-08
VSKCS301 VISHAY-VSKCS301 Datasheet
157Kb / 6P
Schottky Rectifier, 300 A
23-Apr-08
VS-301CNQPBF VISHAY-VS-301CNQPBF Datasheet
143Kb / 6P
High Performance Schottky Rectifier, 300 A
26-Mar-14
VS-300CNQ045PBF VISHAY-VS-300CNQ045PBF_17 Datasheet
141Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQ045PBF VISHAY-VS-301CNQ045PBF Datasheet
137Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-300CNQ045PBF VISHAY-VS-300CNQ045PBF_V01 Datasheet
140Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-301CNQPBF VISHAY-VS-301CNQPBF_V01 Datasheet
138Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
VS-303CNQ100PBF VISHAY-VS-303CNQ100PBF_V01 Datasheet
141Kb / 6P
High Performance Schottky Rectifier, 300 A
09-May-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com