Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-301CNQ...PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-301CNQ...PBF
Description  High Performance Schottky Rectifier, 300 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-301CNQ...PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-301CNQ...PBF Datasheet HTML 1Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 2Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 3Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 4Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 5Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VS-301CNQ...PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 09-May-17
2
Document Number: 94176
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
Fig. 1 - Maximum Forward Voltage Drop Characteristics (Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
150 A
TJ = 25 °C
0.69
V
300 A
0.90
150 A
TJ = 100 °C
0.59
300 A
0.76
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
10
mA
TJ = 125 °C
90
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
5200
pF
Typical series inductance per leg
LS
From top of terminal hole to mounting plane
7.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage temperature
range
TJ, TStg
-55
-
175
°C
Thermal resistance, junction to case per leg
RthJC
-
-
0.28
°C/W
Thermal resistance, junction to case per module
-
-
0.14
Thermal resistance, case to heatsink
RthCS
-0.10-
Weight
-68-
g
-2.4
-
oz.
Mounting torque
35.4 (4)
-
53.1 (6)
lbf
⋅ in
(N
⋅ m)
Mounting torque center hole
30 (3.4)
-
40 (4.6)
Terminal torque
30 (3.4)
-
44.2 (5)
Vertical pull
-
-
80
lbf
⋅ in
2" lever pull
-
-
35
1
10
100
1000
VFM - Forward Voltage Drop (V)
0.2
0.6
1.2
1.6
1.8
1.4
0.8
0.4
0
1.0
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
0.001
1
10
100
0.1
0.01
1000
VR - Reverse Voltage (V)
515
30
45
35
40
20
10
0
25
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com