Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-301CNQ...PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-301CNQ...PBF
Description  High Performance Schottky Rectifier, 300 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-301CNQ...PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-301CNQ...PBF Datasheet HTML 1Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 2Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 3Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 4Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 5Page - Vishay Siliconix VS-301CNQ...PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 24-Apr-15
1
Document Number: 95021
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-244
DIMENSIONS in millimeters (inches)
3
2
3
1
Ø 5.2 (Ø 0.20)
9.6 (0.37) MIN.
93 (3.66) MAX.
¼" - 20 UNC
80 (3.15)
40 (1.57)
13 (0.51)
35 (1.37) REF.
7 (0.27)
6 (0.23)
17.5 (0.69)
16.5 (0.65)
21 (0.82)
20 (0.78)
Ø 7.2 (Ø 0.28)
(2 places)
12.6 (0.5)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com