Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU9101MLE Datasheet (PDF) - New Japan Radio

NJU9101MLE Datasheet PDF - New Japan Radio
Part # NJU9101MLE
Download  NJU9101MLE Download
File Size   1767.58 Kbytes
Page   61 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Power Analog Front End

NJU9101MLE Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU9101MLE Datasheet PDF - New Japan Radio

Part # NJU9101MLE
Download  NJU9101MLE Click to download

File Size   1767.58 Kbytes
Page   61 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Power Analog Front End

NJU9101MLE Datasheet (HTML) - New Japan Radio


NJU9101MLE Product details

■FEATURES
●Supply Voltage +2.4V to +3.6V
●Low Current Consumption 4μA (OPA, OPB),
150μA (ADC)
●Low Noise Amplifier 1.3μVpp typ. (0.1 to 10Hz)
●Low Offset Voltage Amplifier 300μV max.
●RF immunity Amplifier
●Programmable Cell Bias Voltage
OPA: 0.3V to 1.7V (7 steps)
OPB: 0.25V to 1.75V (50mV step)
●Programmable Gain Pre-Amplifier 1V/V to 8V/V
●High resolution Programmable Gain ADC
1V/V to 8V/V, 16-Bit (NFB), 32sps to 2k sps
●System Calibration for offset & gain drift
●Control external EEPROM as a Master device
●Ambient Operating Temperature -40°C to +85°C
●Interface I2C (3-Bit selectable slave address)
●Package EQFN-24-LE (4mm x 4mm)

■GENERAL DESCRIPTION
NJU9101 is a Low Power Analog Front End IC for use
in micro-power sensing applications,
especially electrochemical sensors. It provides a
complete signal processing solution between sensor
and micro-processor as smart-sensor module.
NJU9101 has 2 channel low power operational
amplifiers. These amplifiers provide potentiostat and
trans-impedance-amplifiers to constitute gas sensor
systems. The NJU9101 has calibration circuit by using
output data of built-in high precision ADC. It is suitable
for temperature variation of sensor.
NJU9101 operates over voltage range of 2.4V to 3.6V.
Total average current consumption can be less than
5μA.




Similar Part No. - NJU9101MLE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU9101MLE NISSHINBO-NJU9101MLE Datasheet
4Mb / 64P
Low Power Analog Front End
Ver.4.0
More results


Similar Description - NJU9101MLE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
LOW POWER LOW VOLTAGE ANALOG FRONT END
Nov-1998
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Analog Devices
AD74322 AD-AD74322 Datasheet
123Kb / 20P
Low Cost, Low Power Stereo Audio Analog Front End
AD73411 AD-AD73411 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV. 0
logo
STMicroelectronics
ST-PLC-AFE STMICROELECTRONICS-ST-PLC-AFE Datasheet
2Mb / 58P
Power-line communication, analog front-end
01-Feb-2016
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com