Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS Datasheet (PDF) - Bel Fuse Inc.

SCS Datasheet PDF - Bel Fuse Inc.
Part # SCS
Download  SCS Download
File Size   1842.38 Kbytes
Page   5 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description High Frequency SMD Current Sensing Transformers

SCS Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS Datasheet PDF - Bel Fuse Inc.

Part # SCS
Download  SCS Click to download

File Size   1842.38 Kbytes
Page   5 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description High Frequency SMD Current Sensing Transformers

SCS Datasheet (HTML) - Bel Fuse Inc.


SCS Product details

The SCS Series is an entirely new line in our high frequency
transformer product line offering. These surface mount components
are used for detecting the current passing directly through an
applications conductor. They can accurately sense current flow in
power supply circuits through a non-invasive way, along with safety
and control circuits.
The current sensor can be used in a variety of applications including
feedback control, load drop/shutdown protection, safety/control
circuits and power supply DC to DC converters/chargers. They
present a cost effective low loss approach to measuring currents in
high frequency voltage regulators and switch mode power supplies

General Features
• Very low DC resistance
• Different turns ratios
• Designed for automatic pick and place
• Surface mount technology

Specifications
• EE Core, 5.0
• Frequency range 50 kHz to 1 MHz
• Sensed current primary rating up to 10 Amps
• Primary current of 10 A causes less than 40°C temperature
rise above 25°C ambient. Higher current causes an increased
temperature rise
• Operating Temperature Range: -40 °C to +125 °C
• Storage conditions: If the product is preserved for more than 1
year below 35 °C and humidity 35-65% RH, the solderability of
the terminals may deteriorate

Applications
• Switching power supplies
• Feedback control
• Overload sensing
• Motor control
• Load drop/shut down detection




Similar Part No. - SCS

ManufacturerPart #DatasheetDescription
logo
Eravant
SCS-0131831215-SFSF-22 ERAVANT-SCS-0131831215-SFSF-22 Datasheet
313Kb / 3P
2-Way Coaxial Power Splitter, 1 to 18 GHz
Rev 1.1
SCS-0131833015-SFSF-42 ERAVANT-SCS-0131833015-SFSF-42 Datasheet
340Kb / 4P
4-Way Coaxial Power Splitter, 1 to 18 GHz
Rev 1.0
SCS-0131834815-SFSF-82 ERAVANT-SCS-0131834815-SFSF-82 Datasheet
322Kb / 3P
8-Way Coaxial Power Splitter, 1 to 18 GHz
Rev 1.0
SCS-0132732616-SFSF-22 ERAVANT-SCS-0132732616-SFSF-22 Datasheet
313Kb / 3P
2-Way Coaxial Power Splitter, 1 to 27 GHz
Rev 1.0
SCS-0134031215-KFKF-22 ERAVANT-SCS-0134031215-KFKF-22 Datasheet
286Kb / 3P
2-Way Coaxial Power Splitter, 1 to 40 GHz
Rev 1.1
More results


Similar Description - SCS

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CSE187-L TRIAD-CSE187-L Datasheet
212Kb / 1P
Current Sense, Low Frequency Transformers
logo
Murata Manufacturing Co...
KMP_5300C MURATA-KMP_5300C Datasheet
124Kb / 2P
10A Current Sensing Transformers
KMP_5400C MURATA-KMP_5400C Datasheet
114Kb / 2P
15A Current Sensing Transformers
KMP_5500C MURATA-KMP_5500C Datasheet
141Kb / 2P
15A Current Sensing Transformers
logo
Murata Power Solutions ...
56050C MURATA-PS-56050C Datasheet
101Kb / 2P
10A Current Sensing Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
Current Sensing Transformers
logo
TRIAD MAGNETICS
CSE184L TRIAD-CSE184L Datasheet
126Kb / 1P
Current Sense / Low Frequency Transformers
CSE185L TRIAD-CSE185L Datasheet
127Kb / 1P
Current Sense / Low Frequency Transformers
CSE186L TRIAD-CSE186L Datasheet
201Kb / 1P
Current Sense / Low Frequency Transformers
logo
Murata Power Solutions ...
KMP-5600 MURATA-PS-KMP-5600 Datasheet
101Kb / 2P
10A Current Sensing Transformers
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com