Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCS
Description  High Frequency SMD Current Sensing Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCS Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCS Datasheet HTML 1Page - Bel Fuse Inc. SCS Datasheet HTML 2Page - Bel Fuse Inc. SCS Datasheet HTML 3Page - Bel Fuse Inc. SCS Datasheet HTML 4Page - Bel Fuse Inc. SCS Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
belfuse.com/signal
SCS Series
High Frequency SMD
Current Sensing Transformers
The SCS Series is an entirely new line in our high frequency
transformer product line offering. These surface mount components
are used for detecting the current passing directly through an
applications conductor. They can accurately sense current flow in
power supply circuits through a non-invasive way, along with safety
and control circuits.
The current sensor can be used in a variety of applications including
feedback control, load drop/shutdown protection, safety/control
circuits and power supply DC to DC converters/chargers. They
present a cost effective low loss approach to measuring currents in
high frequency voltage regulators and switch mode power supplies
General Features
•
Very low DC resistance
•
Different turns ratios
•
Designed for automatic pick and place
•
Surface mount technology
Specifications
•
EE Core, 5.0
•
Frequency range 50 kHz to 1 MHz
•
Sensed current primary rating up to 10 Amps
•
Primary current of 10 A causes less than 40°C temperature
rise above 25°C ambient. Higher current causes an increased
temperature rise
•
Operating Temperature Range: -40 °C to +125 °C
•
Storage conditions: If the product is preserved for more than 1
year below 35 °C and humidity 35-65% RH, the solderability of
the terminals may deteriorate
Applications
•
Switching power supplies
•
Feedback control
•
Overload sensing
•
Motor control
•
Load drop/shut down detection
RoHS
Compliant


Similar Part No. - SCS

ManufacturerPart #DatasheetDescription
logo
Eravant
SCS-0131831215-SFSF-22 ERAVANT-SCS-0131831215-SFSF-22 Datasheet
313Kb / 3P
2-Way Coaxial Power Splitter, 1 to 18 GHz
Rev 1.1
SCS-0131833015-SFSF-42 ERAVANT-SCS-0131833015-SFSF-42 Datasheet
340Kb / 4P
4-Way Coaxial Power Splitter, 1 to 18 GHz
Rev 1.0
SCS-0131834815-SFSF-82 ERAVANT-SCS-0131834815-SFSF-82 Datasheet
322Kb / 3P
8-Way Coaxial Power Splitter, 1 to 18 GHz
Rev 1.0
SCS-0132732616-SFSF-22 ERAVANT-SCS-0132732616-SFSF-22 Datasheet
313Kb / 3P
2-Way Coaxial Power Splitter, 1 to 27 GHz
Rev 1.0
SCS-0134031215-KFKF-22 ERAVANT-SCS-0134031215-KFKF-22 Datasheet
286Kb / 3P
2-Way Coaxial Power Splitter, 1 to 40 GHz
Rev 1.1
More results

Similar Description - SCS

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CSE187-L TRIAD-CSE187-L Datasheet
212Kb / 1P
Current Sense, Low Frequency Transformers
logo
Murata Manufacturing Co...
KMP_5300C MURATA-KMP_5300C Datasheet
124Kb / 2P
10A Current Sensing Transformers
KMP_5400C MURATA-KMP_5400C Datasheet
114Kb / 2P
15A Current Sensing Transformers
KMP_5500C MURATA-KMP_5500C Datasheet
141Kb / 2P
15A Current Sensing Transformers
logo
Murata Power Solutions ...
56050C MURATA-PS-56050C Datasheet
101Kb / 2P
10A Current Sensing Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
Current Sensing Transformers
logo
TRIAD MAGNETICS
CSE184L TRIAD-CSE184L Datasheet
126Kb / 1P
Current Sense / Low Frequency Transformers
CSE185L TRIAD-CSE185L Datasheet
127Kb / 1P
Current Sense / Low Frequency Transformers
CSE186L TRIAD-CSE186L Datasheet
201Kb / 1P
Current Sense / Low Frequency Transformers
logo
Murata Power Solutions ...
KMP-5600 MURATA-PS-KMP-5600 Datasheet
101Kb / 2P
10A Current Sensing Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com