Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SCS
Description  High Frequency SMD Current Sensing Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCS Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SCS Datasheet HTML 1Page - Bel Fuse Inc. SCS Datasheet HTML 2Page - Bel Fuse Inc. SCS Datasheet HTML 3Page - Bel Fuse Inc. SCS Datasheet HTML 4Page - Bel Fuse Inc. SCS Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2022 Signal Transformer
Specifications subject to change without notice.
SCS Series August 24 2022
SCS Series
RoHS
Compliant
PRODUCT IDENTIFICATION
SCS - 100 2K
(1)
(2)
(3)
(1) Type: Surface Mount Devices
(2) Secondary turns: 100
(3) Secondary inductance: 2K = 2000
MECHANICAL SPECIFICATIONS
Dimensions are in mm.
SERIES
A
Max
B
Max
C
Max
D
± 0.3
E
± 0.1
F
± 0.2
G
± 0.2
SCS
8.38
8.0
5.5
185
0.6
0.25
0.7
8
7
Pri
Sec
1
3
N1=1Ts
N2=NX Ts
SCHEMATIC
PAD LAYOUT
1.2
1.85
2.7
2.7
3
7
4
6.4
A
G
EPOXY
B
E
D
BOTTOM VIEW
FRONT VIEW
SIDE VIEW
TAPE
8
1
2
3
7
8
7
1
2
3
6
5
4
0.15mm
1
3
START POINT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com