Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SCS
Description  High Frequency SMD Current Sensing Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCS Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SCS Datasheet HTML 1Page - Bel Fuse Inc. SCS Datasheet HTML 2Page - Bel Fuse Inc. SCS Datasheet HTML 3Page - Bel Fuse Inc. SCS Datasheet HTML 4Page - Bel Fuse Inc. SCS Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2022 Signal Transformer
Specifications subject to change without notice.
SCS Series August 24 2022
SCS Series
RoHS
Compliant
ELECTRICAL SPECIFICATIONS
Electrical specifications for all part numbers measured at 25°C unless otherwise stated.
Part Number
Turns ratio
Sec : Pri
Secondary
Inductance
@ 100 kHz
0.1 V (uH) Min
DCR
Hi-Pot
Pri-Sec *
(VAC)
Primary
Current
(A) Max.
Sec Max
(Ω)
Pri Ref
(mΩ)
SCS-2080
20:1
80
0.40
0.70
500
10
SCS-30180
30:1
180
0.87
0.70
500
10
SCS-40320
40:1
320
1.14
0.70
500
10
SCS-50500
50:1
500
1.85
0.70
500
10
SCS-60730
60:1
730
2.30
0.70
500
10
SCS-70980
70:1
980
4.75
0.70
500
10
SCS-1002K
100:1
2000
5.50
0.70
500
10
SCS-1253K
125:1
3000
11.5
0.70
500
10
* @ 0.5 mA, 3 s, 50 Hz
TEMPERATURE RISE VS CURRENT
DC Current [A]
0
1
2
3
4
5
6
7
8
9
10
11
12
105
95
85
75
65
55
45
35
25
• Test equipment
Inductance measured at 0 ADC on HP 4284A LCR meter or equivalent
DCR measured on Chroma 16502 micro-OHM meter or equivalent



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com