Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW636-06 Datasheet (PDF) - Renesas Technology Corp

IW636-06 Datasheet PDF - Renesas Technology Corp
Part # IW636-06
Download  IW636-06 Download
File Size   556.7 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC/DC Secondary-Side Controller for Qualcomm® Quick ChargeTM 3.0 USB Interface

IW636-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW636-06 Datasheet PDF - Renesas Technology Corp

Part # IW636-06
Download  IW636-06 Click to download

File Size   556.7 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC/DC Secondary-Side Controller for Qualcomm® Quick ChargeTM 3.0 USB Interface

IW636-06 Datasheet (HTML) - Renesas Technology Corp


IW636-06 Product details

1 Description
The iW636 is an AC/DC secondary-side controller for USB interface supporting Qualcomm Quick Charge 3.0 (QC3.0) technology and secondary-to-primary communication protocol, to enable rapid charging of QC3.0/QC2.0-enabled
mobile devices (MDs). The iW636 resides on the secondary side of an AC/DC power supply and allows the adapter to be configured for multi-level output voltages from 3.6V to 12V in 200mV increments, depending on the voltage requested by the MD. It can be used in Dialog’s primary-side controlled AC/ DC systems to achieve fast voltage
transition, low no-load power consumption, and fast dynamic load response.
The iW636 implements Dialog’s proprietary secondary-to-primary digital communication technique. When paired with Dialog’s primary-side iW1782 controller, the iW636 eliminates the discrete decoders on the primary side, simplifying
system designs. It uses one opto-coupler to transmit all the necessary information for rapid charging, including output
voltage requests, output current limits, output voltage undershoot, output over-voltage, and fault and reset signals.
It also has a built-in opto-coupler LED driver to minimize the bill of material cost.
The iW636 and iW1782 provide double-layer cable protection. On the secondary side, the iW636 incorporates Dialog’s proprietary D+/D- over-voltage protection to address VBUS D+/D- soft shorts. On the primary side, the iW1782 uses Dialog’s SmartDefenderTM advanced hiccup technology to reduce the average output power during soft shorts without latch.
Dialog’s innovative, proprietary technology ensures that power supplies designed with the iW636 and iW1782 can provide multi-level output voltage configuration, with user-selected various output current limit combinations.
Additionally, the chipset can achieve <10mW no-load power consumption at 5V, 2A output setting and fast dynamic load response in typical AC/DC rapid charge adapter designs.
2 Features
● Supports Qualcomm® Quick ChargeTM 3.0 technology
High Voltage Dedicated Charging Port (HVDCP) to
provide VBUS from 3.6V to 12V in 200mV increments
● Double-layer cable protection:
x Secondary side (iW636): Proprietary D+/D- overvoltage
protection (OVP) addresses VBUS D+/Dsoft shorts
x Primary side (iW1782): SmartDefender™ smart
hiccup technology reduces average output power
at fault conditions without latch
● Proprietary secondary-to-primary digital
communication eliminates discrete decoders in the
primary side and simplifies system designs
● Single opto-coupler transmits all information for
rapid charge: output voltage requests, output current
limits, output voltage undershoot (UV), over-voltage
protection (OVP), and fault and reset signals
● Adaptive OVP/UV detection for most VBUS levels
● Backward compatible with QC2.0 and USB Battery
Charging Specification Revision 1.2 (USB BC1.2)
● Pin-to-pin compatible with iW626
● Programmable active fast discharge from a high
voltage VBUS level to 5V at MD unplug or upon
request with built-in switch or external switch
● Normally OFF state with <150μA cut-off current
during 5V steady-state operation to achieve <10mW
overall system no-load power consumption
● Wide operating voltage range from 3V to 16V
● Built-in opto-coupler LED driver with minimum driving current of 2mA
● 6-lead SOT-23 package




Similar Part No. - IW636-06

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
iW636-06 DIALOG-iW636-06 Datasheet
393Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm
More results


Similar Description - IW636-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB2CF ETC-KL5KUSB2CF Datasheet
24Kb / 2P
USB 2.0 Controller - Quick Interface
KCUSB3 ETC1-KCUSB3 Datasheet
60Kb / 8P
USB Controller - Quick Interface
logo
ON Semiconductor
NCP4371 ONSEMI-NCP4371_16 Datasheet
109Kb / 13P
Qualcomm Quick Charge 3.0 HVDCP Controller
March, 2016 ??Rev. P1
logo
Dialog Semiconductor
IW626 DIALOG-IW626 Datasheet
422Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm
IW629 DIALOG-IW629 Datasheet
392Kb / 6P
AC/DC Secondary-Side Controller for Qualcomm
IW636 DIALOG-IW636 Datasheet
393Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm
IW1791 DIALOG-IW1791 Datasheet
462Kb / 6P
AC/DC Primary-Side Rapid ChargeTM PWM Controller
logo
Renesas Technology Corp
IW662 RENESAS-IW662 Datasheet
566Kb / 7P
AC/DC Secondary-Side Synchronous Rectification and Rapid ChargeTM Interface Controller for Qualcomm® Quick Charge™ 3.0
09-Feb-2022
IW709 RENESAS-IW709 Datasheet
542Kb / 6P
AC/DC Secondary-Side Controller with Integrated Synchronous Rectification for USB PD 3.0 w/PPS and Qualcomm® Quick ChargeTM 4 (QC2.0/QC3.0/QC4)
23-Feb-2022
IW760 RENESAS-IW760 Datasheet
466Kb / 7P
Zero Standby Power AC/DC Secondary-Side Regulation Controller with Integrated Synchronous Rectification for USB PD 3.0 w/PPS
08-Apr-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com