Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6725TR Datasheet (PDF) - STMicroelectronics

L6725TR Datasheet PDF - STMicroelectronics
Part # L6725TR
Download  L6725TR Download
File Size   533.4 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low cost adjustable step-down controller

L6725TR Datasheet (PDF)

Go To PDF Page Download Datasheet
L6725TR Datasheet PDF - STMicroelectronics

Part # L6725TR
Download  L6725TR Click to download

File Size   533.4 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low cost adjustable step-down controller

L6725TR Datasheet (HTML) - STMicroelectronics


L6725TR Product details

Features
■ Input voltage range from 1.8V to 14V
■ Supply voltage range from 4.5V to 14V
■ Adjustable output voltage down to 0.6V with ±0.8% accuracy over line voltage and
■ temperature (0°C~125°C)
■ Fixed frequency voltage mode control
■ 0% to 100% duty cycle
■ External input voltage reference
■ Soft-start and inhibit
■ High current embedded drivers
■ Predictive anti-cross conduction control
■ Programmable high-side and low-side RDS(on)
■ sense over-current-protection
■ Sink current capability
■ Selectable switching frequency 250KHz/
■ 500KHz
■ Pre-bias start up capability
■ Over voltage protection

Applications
■ Low voltage distributed DC-DC
■ Graphic cards SO16N (Narrow)




Similar Part No. - L6725TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6725TR STMICROELECTRONICS-L6725TR Datasheet
803Kb / 32P
Voltage mode PWM controller with bootstrap anti-discharging system
28-Jun-2007
More results


Similar Description - L6725TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
Dual step-down controller with adjustable LDO
02-Nov-2006
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com