Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6725TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6725TR
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725TR Datasheet(HTML) 4 Page - STMicroelectronics

  L6725TR Datasheet HTML 1Page - STMicroelectronics L6725TR Datasheet HTML 2Page - STMicroelectronics L6725TR Datasheet HTML 3Page - STMicroelectronics L6725TR Datasheet HTML 4Page - STMicroelectronics L6725TR Datasheet HTML 5Page - STMicroelectronics L6725TR Datasheet HTML 6Page - STMicroelectronics L6725TR Datasheet HTML 7Page - STMicroelectronics L6725TR Datasheet HTML 8Page - STMicroelectronics L6725TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Summary description
L6725
4/27
1
Summary description
The device is a low cost pwm controller dedicated for low voltage distributed DC-DC. The input
voltage can range from 1.8V to 14V, while the supply voltage can range from 4.5V to 14V. The
output voltage is adjustable down to 0.6V.
High peak current gate drivers provide for fast switching to the external power section, and the
output current can be in excess of 20A. The device is capable to manage minimum on-times
(TON) shorter than 100ns making possible conversions with very low duty cycle and very high
switching frequency. In order to guarantee a real overcurrent protection, also with very narrow
TON, the current sense is realized both on the high-side and low-side MOSFETs. When
necessary, two different current limit protections can be externally set through an external
resistor. The device can sink current after the soft-start phase while, during the soft-start, the
sink mode capability is disabled in order to allow a proper start-up also in pre-biased output
voltage conditions. Other features are over-voltage-protection and thermal shutdown.
1.1
Functional description
Figure 1.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com