Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6725TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6725TR
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6725TR Datasheet HTML 17Page - STMicroelectronics L6725TR Datasheet HTML 18Page - STMicroelectronics L6725TR Datasheet HTML 19Page - STMicroelectronics L6725TR Datasheet HTML 20Page - STMicroelectronics L6725TR Datasheet HTML 21Page - STMicroelectronics L6725TR Datasheet HTML 22Page - STMicroelectronics L6725TR Datasheet HTML 23Page - STMicroelectronics L6725TR Datasheet HTML 24Page - STMicroelectronics L6725TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
L6725
L6725 demoboard
21/27
R11
2.2
Ω
Neohm
SMD 0603
IFARCAD
R12
N.C.
Neohm
SMD 0603
IFARCAD
C1
4.7nF
Kemet
SMD 0603
IFARCAD
C2
47nF
Kemet
SMD 0603
IFARCAD
C3
1nF
Kemet
SMD 0603
IFARCAD
C4
100nF
Kemet
SMD 0603
IFARCAD
C5
100nF
Kemet
SMD 0603
IFARCAD
C6
N.C.
/
/
/
C7
100nF
Kemet
SMD 0603
IFARCAD
C8
4.7uF 20V
AVX
SMA6032
IFARCAD
C9
1nF
Kemet
SMD 0603
IFARCAD
C10
1uF
Kemet
SMD 0603
IFARCAD
C11
220nF
Kemet
SMD 0603
IFARCAD
C12-13
3X 15uF
/
/
ST (TDK)
C15
N.C.
///
C16-19
2X 330
µF
/
/
ST (poscap)
L1
1.8
µH
Panasonic
SMD
ST
D1
STPS1L30M
ST
DO216AA
ST
D3
N.C.
/
/
/
Q1-Q2
STS12NH3LL
ST
SO8
ST
Q4-Q5
STS25NH3LL
ST
SO8
ST
U1
L6725
ST
SO16N
ST
Table 6.
Other inductor manufacturer
Manufacturer
Series
Inductor Value (µH)
Saturation Current (A)
WURTH ELEKTRONIC
744318180
1.8
20
SUMIDA
CDEP134-2R7MC-H
2.7
15
EPCOS
HPI_13 T640
1.4
22
TDK
SPM12550T-1R0M220
1
22
TOKO
FDA1254
2.2
14
COILTRONICS
HCF1305-1R0
1.15
22
HC5-1R0
1.3
27
Table 5.
Demoboard part list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com