Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6725TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6725TR
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6725TR Datasheet HTML 3Page - STMicroelectronics L6725TR Datasheet HTML 4Page - STMicroelectronics L6725TR Datasheet HTML 5Page - STMicroelectronics L6725TR Datasheet HTML 6Page - STMicroelectronics L6725TR Datasheet HTML 7Page - STMicroelectronics L6725TR Datasheet HTML 8Page - STMicroelectronics L6725TR Datasheet HTML 9Page - STMicroelectronics L6725TR Datasheet HTML 10Page - STMicroelectronics L6725TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
L6725
Pin connections and functions
7/27
4OCL
A resistor connected from this pin to ground sets the valley- current-limit. The valley
current is sensed through the low-side MOSFET(s). The internal current generator
sources a current of 100
µA (I
OCL) from this pin to ground through the external resistor
(ROCL). The over-current threshold is given by the following equation:
5OCH
A resistor connected from this pin and the high-side MOSFET(s) drain sets the peak-
current-limit. The peak current is sensed through the high-side MOSFET(s). The
internal 100
µA current generator (IOCH) sinks a current from the drain through the
external resistor (ROCH). The over-current threshold is given by the following
equation:
6
PHASE
This pin is connected to the source of the high-side MOSFET(s) and provides the
return path for the high-side driver. This pin monitors the drop across both the upper
and lower MOSFET(s) for the current limit together with OCH and OCL.
7
HGATE
This pin is connected to the high-side MOSFET(s) gate.
8BOOT
Through this pin is supplied the high-side driver. Connect a capacitor from this pin to
the PHASE pin and a diode from VCCDR to this pin (cathode versus BOOT).
9PGND
This pin has to be connected closely to the low-side MOSFET(s) source in order to
reduce the noise injection into the device.
10
LGATE
This pin is connected to the low-side MOSFET(s) gate.
11
VCCDR
5V internally regulated voltage. It is used to supply the internal drivers. Filter it to
ground with a 1uF ceramic cap.
12
VCC
Supply voltage pin. The operative supply voltage range is from 4.5V to 14V.
Table 3.
Pin functions
DSonLS
R
2
OCL
R
OCL
I
VALLEY
I
⋅
⋅
=
DSonHS
R
OCH
R
OCH
I
PEAK
I
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com