Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP1826 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMP1826 Datasheet PDF - Texas Instruments
Part # TMP1826
Download  TMP1826 Download
File Size   2399.53 Kbytes
Page   69 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP1826 1-Wire®, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM

TMP1826 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP1826 Datasheet PDF - Texas Instruments

Part # TMP1826
Download  TMP1826 Click to download

File Size   2399.53 Kbytes
Page   69 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP1826 1-Wire®, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM

TMP1826 Datasheet (HTML) - Texas Instruments


TMP1826 Product details

1 Features
• 1-Wire® interface with multi-drop shared bus and
CRC
• Bus powered with operating voltage from 1.7 V to
5.5 V
• IEC 61000-4-2 ESD for 8-kV contact discharge
• Functional Safety-Capable
– Developed for functional safety applications
– Documentation available to aid functional safety
system design
• High-accuracy digital temperature sensor (DGK):
– ±0.1°C (typical)/±0.3°C (maximum) from –20°C
to +85°C
– ±0.3°C (typical)/±0.5°C (maximum) from –55°C
to +150°C
• High-accuracy digital temperature sensor (NGR)
– ±0.1°C (typical)/±0.3°C (maximum) from –20°C
to +85°C
– ±0.3°C (typical)/±0.5°C (maximum) from –55°C
to +125°C
– ±0.5°C (typical)/±1.0°C (maximum) from –55°C
to +150°C
• 94-μA temperature measurement and 1.3 μA
shutdown current
• 16-bit temperature resolution: 7.8125 m°C (1 LSB)
• Fast data rates of 90 kbps in overdrive speed
• Flexible user programmable short address modes
for faster device address
• 2-kbit EEPROM features:
– Write operation in block size of 64-bits
– Continuous read mode
– Read with write protection with page size of
256-bits
– Read/write current of 95 μA/178 μA
• NIST traceable factory-programmed non erasable
64-bit identification number for device addressing
• 4 configurable open-drain digital input-output and
temperature alert

2 Applications
• Factory automation and control
• Appliances
• Medical accessories
• CPAP machine
• Battery packs
• LED lighting
• Cold chain
• Temperature transmitters
• EV charging infrastructure

3 Description
The TMP1826 is a high-accuracy, 1-Wire compatible
digital output temperature sensor with integrated 2-
kbit EEPROM and a wide operating temperature
range from –55°C to +150°C. The TMP1826 provides
a high accuracy of ±0.1°C (typical)/±0.3°C (maximum)
across the temperature range of –20°C to +85°C.
Each device comes with a factory programmed 64-bit
unique identification number for addressing and NIST
traceability. The TMP1826 supports both standard
speed for legacy application and overdrive mode
with 90-kbps data rate for low latency communication
across a wide voltage range of 1.7 V to 5.5 V.
In the simplest mode of operation, the TMP1826 1-
Wire interface, with an integrated 8-kV IEC-61000-4-2
ESD protection on the data pin, requires only a single
connection and a ground return in bus powered mode,
which simplifies and reduces cost by reducing the
number of wires and external protection components.
Additionally, there is the VDD power pin also available
for applications that may want to have a dedicated
power supply.
The 2-kbit EEPROM on the TMP1826 allows the host
to store application data in increments of 64 bits. With
user programmable 256-bit page size write protection
to avoid accidental overwrite, the EEPROM can be
used as non-volatile, read-only memory. The four
digital I/O pins are configurable for general purpose
functions, temperature alert, or provide host to identify
the position of the device on a shared bus.




Similar Part No. - TMP1826

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP1826 TI-TMP1826 Datasheet
1Mb / 52P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-Kbit EEPROM
FEBRUARY 2022
TMP1826 TI-TMP1826 Datasheet
2Mb / 71P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED SEPTEMBER 2022
TMP1826 TI-TMP1826 Datasheet
2Mb / 72P
TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
REVISED MAY 2023
TMP1826 TI-TMP1826 Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
TMP1826DGKR TI-TMP1826DGKR Datasheet
2Mb / 72P
TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
REVISED MAY 2023
More results


Similar Description - TMP1826

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
-2 C Accurate, 12-Bit Digital Temperature Sensor
3/06-Revision 0
logo
Maxim Integrated Produc...
MAX6581 MAXIM-MAX6581 Datasheet
1Mb / 24P
±1°C Accurate 8-Channel Temperature Sensor
Rev 0; 8/10
MAX31826 MAXIM-MAX31826 Datasheet
1Mb / 22P
1-Wire Digital Temperature Sensor with 1Kb Lockable EEPROM
Rev 0; 3/12
logo
Texas Instruments
TMP1826 TI-TMP1826 Datasheet
1Mb / 52P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-Kbit EEPROM
FEBRUARY 2022
TMP1826 TI-TMP1826_V01 Datasheet
2Mb / 71P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED SEPTEMBER 2022
TMP1827 TI-TMP1827 Datasheet
2Mb / 68P
TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
SEPTEMBER 2022
TMP1826 TI-TMP1826_V03 Datasheet
2Mb / 72P
TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
REVISED MAY 2023
TMP1827 TI-TMP1827_V01 Datasheet
2Mb / 65P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
EVISED MAY 2023
TMP1827 TI-TMP1827_V02 Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
TMP1820 TI-TMP1820 Datasheet
1Mb / 51P
TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com