Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP1820 Datasheet (PDF) - Texas Instruments

TMP1820 Datasheet PDF - Texas Instruments
Part # TMP1820
Download  TMP1820 Download
File Size   1652.15 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor

TMP1820 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP1820 Datasheet PDF - Texas Instruments

Part # TMP1820
Download  TMP1820 Click to download

File Size   1652.15 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor

TMP1820 Datasheet (HTML) - Texas Instruments


TMP1820 Product details

1 Features
• Multi-drop shared bus for data communication
features
– 1-Wire interface
– Standard and overdrive data rates modes (up
to 90 kbps)
– Legacy and short addressing
– Cyclic redundancy check (CRC)
• Flexible power supply option: VDD (supply)
powered or bus powered
– 1.7 V to 5.5 V (OVD mode or bus powered)
– 2.5 V to 5.5V (STD mode)
• High accuracy temperature sensor:
– ±0.1°C (typical) from –20°C to +85°C
– ±0.3°C (maximum) from –20°C to +85°C
– ±0.4°C (maximum) from –55°C to +125°C
• 12-bit temperature resolution: 62.5 m°C (1 LSB)
• Low power
– Active current: 85 μA (typical)
– Shutdown current: 1.6 μA (typical)
– Average current: 3.85 μA at 1Hz duty cycle
– Fast conversion time: 27 ms (maximum)
• Safety and compliance
– NIST traceable
– Factory programmed non erasable 64-bit
identification number for device addressing
– IEC 61000-4-2 ESD: 8kV contact discharge

2 Applications
• Factory Automation and control
– Temperature Transmitter
– PLC, DCS & PAC
• Medical
– CPAP machine
– Electronic hospital bed & bed control
• Grid Infrastructure
– EV charging infrastructure
– Wired communication modules
• Appliances
– Refrigerator & freezer
– Air conditioner outdoor unit
– Merchant battery charger
• Building Automation
– HVAC motor control

3 Description
The TMP1820 is 1-Wire®, high-accuracy, digitaloutput
temperature sensor. The accuracy is as high
as ±0.1°C across the –20°C to +85°C or ±0.4°C
across the –55°C to +125°C temperature range.
Each device incorporates a factory-programmed 64-
bit unique identification number used for addressing
and allows NIST traceability. The 1-Wire® interface
supports both a standard communication mode for
legacy applications and an overdrive mode (with up to
90 kbps data rate) for faster communication present in
modern applications. Overdrive mode also allows the
user to lower the bus power to as low as 1.7V over
the entire temperature range.
For the simplest mode of operation, the TMP1820
1-Wire® interface only requires a single connection
and a ground return for bus-powered mode. The
combination of unique ID and bus-powered operation
can lead to cabling simplifications, which can reduce
solution complexity and cost. In applications that
require the absolute lowest power consumption, a
VDD power pin also available if a dedicated power
supply is available. Additionally, the low-noise and
precision of the TMP1820 can reduce the power
consumption of one-sample applications.




Similar Part No. - TMP1820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP1826 TI-TMP1826 Datasheet
1Mb / 52P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-Kbit EEPROM
FEBRUARY 2022
TMP1826 TI-TMP1826 Datasheet
2Mb / 71P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED SEPTEMBER 2022
TMP1826 TI-TMP1826 Datasheet
2Mb / 69P
TMP1826 1-Wire®, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED DECEMBER 2022
TMP1826 TI-TMP1826 Datasheet
2Mb / 72P
TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
REVISED MAY 2023
TMP1826 TI-TMP1826 Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
More results


Similar Description - TMP1820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
-2 C Accurate, 12-Bit Digital Temperature Sensor
3/06-Revision 0
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
logo
Maxim Integrated Produc...
MAX6581 MAXIM-MAX6581 Datasheet
1Mb / 24P
±1°C Accurate 8-Channel Temperature Sensor
Rev 0; 8/10
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
logo
Texas Instruments
TMP1826 TI-TMP1826 Datasheet
1Mb / 52P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-Kbit EEPROM
FEBRUARY 2022
logo
Vishay Siliconix
DG2012E VISHAY-DG2012E Datasheet
166Kb / 10P
Powered-off Protection, 1 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
logo
Texas Instruments
TMP1826 TI-TMP1826_V01 Datasheet
2Mb / 71P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED SEPTEMBER 2022
TMP1826 TI-TMP1826_V02 Datasheet
2Mb / 69P
TMP1826 1-Wire®, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED DECEMBER 2022
TMP1826 TI-TMP1826_V03 Datasheet
2Mb / 72P
TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
REVISED MAY 2023
TMP1827 TI-TMP1827_V01 Datasheet
2Mb / 65P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
EVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com