Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP1826 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMP1826 Datasheet PDF - Texas Instruments
Part # TMP1826
Download  TMP1826 Download
File Size   2962.74 Kbytes
Page   72 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM

TMP1826 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP1826 Datasheet PDF - Texas Instruments

Part # TMP1826
Download  TMP1826 Click to download

File Size   2962.74 Kbytes
Page   72 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM

TMP1826 Datasheet (HTML) - Texas Instruments


TMP1826 Product details

1 Features
• 1-Wire® interface with multi-drop shared bus and
cyclic redundancy check (CRC)
• Bus powered with operating voltage: 1.7 V to 5.5 V
• IEC 61000-4-2 ESD for 8-kV contact discharge
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• High-accuracy digital temperature sensor (WSON
package)
– ±0.2°C (maximum) from +10°C to +45°C
– ±0.3°C (maximum) from –40°C to +105°C
– ±0.4°C (maximum) from –55°C to +150°C
• High-accuracy digital temperature sensor (VSSOP
package)
– ±0.3°C (maximum) from –20°C to +85°C
– ±0.5°C (maximum) from –55°C to +150°C
• Temperature measurement current: 94 μA
• Shutdown current: 1.3 μA
• 16-bit temperature resolution: 7.8125 m°C (1 LSB)
• Fast data rates of 90 kbps in overdrive speed
• Flexible user programmable short address modes
for faster device address
• 2Kb EEPROM features:
– Write operation in 64-bit block size
– Continuous read mode
– Read with write protection with 256-bit page
size
– Programming current: 178 μA
• NIST traceable factory-programmed non erasable
64-bit identification number for device addressing
• Four configurable open-drain digital input-output
and temperature alert

2 Applications
• Factory automation and control
• Appliances
• Medical accessories
• CPAP machines
• Battery charger ICs
• EV charging infrastructure
• LED lighting
• Temperature transmitters
• Cold chain

3 Description
The TMP1826 is a high-accuracy, 1-Wire compatible
digital output temperature sensor with integrated 2Kb
EEPROM and a wide operating temperature range
from –55°C to +150°C. The TMP1826 provides a
high accuracy of ±0.1°C (typical)/±0.2°C (maximum)
across the temperature range of +10°C to +45°C.
Each device comes with a factory programmed 64-bit
unique identification number for addressing and NIST
traceability. The TMP1826 supports both standard
speed for legacy application and overdrive mode
with 90-kbps data rate for low latency communication
across a wide voltage range of 1.7 V to 5.5 V.
In the simplest mode of operation, the TMP1826 1-
Wire interface, with an integrated 8-kV IEC-61000-4-2
ESD protection on the data pin, requires only a single
connection and a ground return in bus powered mode,
which simplifies and reduces cost by reducing the
number of wires and external protection components.
Additionally, there is the VDD power pin also available
for applications that may want to have a dedicated
power supply.




Similar Part No. - TMP1826

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP1826 TI-TMP1826 Datasheet
1Mb / 52P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-Kbit EEPROM
FEBRUARY 2022
TMP1826 TI-TMP1826 Datasheet
2Mb / 71P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED SEPTEMBER 2022
TMP1826 TI-TMP1826 Datasheet
2Mb / 69P
TMP1826 1-Wire®, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED DECEMBER 2022
TMP1826 TI-TMP1826 Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
TMP1826DGKR TI-TMP1826DGKR Datasheet
2Mb / 69P
TMP1826 1-Wire®, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED DECEMBER 2022
More results


Similar Description - TMP1826

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
logo
Maxim Integrated Produc...
MAX6581 MAXIM-MAX6581 Datasheet
1Mb / 24P
±1°C Accurate 8-Channel Temperature Sensor
Rev 0; 8/10
MAX31826 MAXIM-MAX31826 Datasheet
1Mb / 22P
1-Wire Digital Temperature Sensor with 1Kb Lockable EEPROM
Rev 0; 3/12
DS28E22 MAXIM-DS28E22 Datasheet
799Kb / 6P
1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Rev 0; 9/12
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
logo
Texas Instruments
TMP1826 TI-TMP1826 Datasheet
1Mb / 52P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-Kbit EEPROM
FEBRUARY 2022
TMP1826 TI-TMP1826_V01 Datasheet
2Mb / 71P
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED SEPTEMBER 2022
TMP1826 TI-TMP1826_V02 Datasheet
2Mb / 69P
TMP1826 1-Wire®, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED DECEMBER 2022
TMP1827 TI-TMP1827_V01 Datasheet
2Mb / 65P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
EVISED MAY 2023
TMP1827 TI-TMP1827_V02 Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com