Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1321 Datasheet (PDF) - ams AG

AS1321 Datasheet PDF - ams AG
Part # AS1321
Download  AS1321 Download
File Size   333.87 Kbytes
Page   12 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 130mA Step-Up DC-DC Converter

AS1321 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1321 Datasheet PDF - ams AG

Part # AS1321
Download  AS1321 Click to download

File Size   333.87 Kbytes
Page   12 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 130mA Step-Up DC-DC Converter

AS1321 Datasheet (HTML) - ams AG


AS1321 Product details

General Description
The AS1321 is a high-efficiency step-up DC-DC converter designed to generate a fixed output voltage of +5.0V.
The AS1321 achieves an efficiency of up to 96%. The minimum input voltage is +1.5V, the output voltage is fixed at +5.0V, and output current is up to 130mA (@ 2V VBATT).
In order to save power the AS1321 features a shutdown mode, where it draws less than 1µA. In shutdown mode the battery is connected directly to the output enabling the supply of real-time-clocks.
The AS1321 provides a power-on reset output that goes high-impedance when the output reaches 90% of its regulation point.
The SHDNN trip threshold of the AS1321 can be used as an input voltage detector that disables the device when the battery voltage falls to a predetermined level.
An internal synchronous rectifier is included, which is parallel with the external Schottky diode.
The AS1321 is available in a 6-pin SOT23 package.

Key Features
■ Fixed Output Voltage: +5.0V
■ Output Current: Up to 130mA (@ 2V VBATT)
■ Internal Synchronous Rectifier
■ Shutdown Mode Supply Current: Less Than 1µA
■ Efficiency: Up to 96%
■ Minimum Input Voltage: +1.5V
■ Accurate Shutdown Low-Battery Cutoff Threshold
■ Battery Input Connected to Pin OUT in Shutdown Mode for Backup Power
■ 6-pin SOT23 Package

Applications
   The AS1321 is ideal for low-power applications where ultra-small size is critical as in medical
   diagnostic equipment, hand-held instruments, pagers, digital cameras, remote wireless
   transmitters, cordless phones, and PC cards.
   The device is also perfect as a local +5.0V supply or as a battery backup.




Similar Part No. - AS1321

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1321 AMSCO-AS1321 Datasheet
1Mb / 13P
130mA Step-Up DC-DC Converter
AS1321-T AMSCO-AS1321-T Datasheet
1Mb / 13P
130mA Step-Up DC-DC Converter
AS1321 AMSCO-AS1321_1 Datasheet
1Mb / 13P
130mA Step-Up DC-DC Converter
More results


Similar Description - AS1321

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
ams AG
AS1321 AMSCO-AS1321_1 Datasheet
1Mb / 13P
130mA Step-Up DC-DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com