Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1321 Datasheet(PDF) 6 Page - ams AG

Part # AS1321
Description  130mA Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1321 Datasheet(HTML) 6 Page - ams AG

Back Button AS1321 Datasheet HTML 2Page - ams AG AS1321 Datasheet HTML 3Page - ams AG AS1321 Datasheet HTML 4Page - ams AG AS1321 Datasheet HTML 5Page - ams AG AS1321 Datasheet HTML 6Page - ams AG AS1321 Datasheet HTML 7Page - ams AG AS1321 Datasheet HTML 8Page - ams AG AS1321 Datasheet HTML 9Page - ams AG AS1321 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.austriamicrosystems.com
Revision 1.01
6 - 12
AS132 1
austriamicrosystems
Data Sheet
Control Circuitry
7 Detailed Description
The AS1321 is a high-efficiency, compact step-up converter with 35µA quiescent supply current which ensures the
highest efficiency over a wide load range. With a minimum of +1.5V input voltage, the device is well suited for applica-
tions with one- or two-cells, such as lithium ion (Li+), nickel-metal-hydride (NiMH), or alkaline.
Figure 14. Block Diagram
The input battery is connected to the device through an inductor and an internal P-FET when pin SHDNN is low. In this
state, the step-up converter is off and the voltage drop across the P-FET body diode is eliminated, and the input bat-
tery can be used as a battery-backup or real-time-clock supply.
The built-in synchronous rectifier significantly improves efficiency.
Control Circuitry
The AS1321 integrated current-limited key circuitry provides low quiescent current and extremely-high efficiency over
a wide VOUT range without the need for an oscillator. Inductor current is limited by the 7µs switch maximum on-time or
by the 0.7A N-channel current limit. At each cycle, the inductor current must ramp down to zero after the on-time
before the next cycle may start. When the error comparator senses that the output has fallen below the regulation
threshold, another cycle begins.
Shutdown
When pin SHDNN is low the AS1321 is switched off and no current is drawn from battery; when pin SHDNN is high the
device is switched on. If SHDNN is driven from a logic-level output, the logic high-level (on) should be referenced to
VOUT to avoid intermittently switching the device on.
Note: If pin SHDNN is not used, it should be connected directly to pin OUT.
In shutdown the battery input is connected to the output through the inductor and the internal synchronous rectifier P-
FET. This allows the input battery to provide backup power for devices such as an idle microcontroller, memory, or real-
time-clock, without the usual diode forward drop. In this way a separate backup battery is not needed.
In cases where there is residual voltage during shutdown, some small amount of energy will be transferred from pin
OUT to pin BATT immediately after shutdown, resulting in a momentary spike of the voltage at pin BATT. The ratio of
CIN and COUT partly determine the size and duration of this spike, as does the current-sink ability of the input device.
VREF
Zero
Crossing
Detector
AS1321
Driver
and
Control
Logic
Startup
Circuitry
10µH
+1.5 to +5.0V
Battery
Current
Limiter
+1.228V
CIN
22µF
+
–
+
–
+1.1V
+5.0V
Output
COUT
22µF
4
LX
2
BATT
6
RESETN
1
SHDNN
5
OUT
GND
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com