Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1321 Datasheet(PDF) 3 Page - ams AG

Part # AS1321
Description  130mA Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1321 Datasheet(HTML) 3 Page - ams AG

  AS1321 Datasheet HTML 1Page - ams AG AS1321 Datasheet HTML 2Page - ams AG AS1321 Datasheet HTML 3Page - ams AG AS1321 Datasheet HTML 4Page - ams AG AS1321 Datasheet HTML 5Page - ams AG AS1321 Datasheet HTML 6Page - ams AG AS1321 Datasheet HTML 7Page - ams AG AS1321 Datasheet HTML 8Page - ams AG AS1321 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.austriamicrosystems.com
Revision 1.01
3 - 12
AS132 1
austriamicrosystems
Data Sheet
5 Electrical Characteristics
TAMB = -40 to +85ºC, VBATT = +2V, VOUT = +5.0, VSHDNN = +1.5V (unless otherwise specified). Typ values @ TAMB = +25ºC.
Table 2. Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Battery Input Range
VBATT
1.5
5.0
V
Startup Battery Input Voltage
1
1. Guaranteed by design.
VSU
RLOAD = 100
Ω, TAMB = +25ºC
1.22
1.5
V
RLOAD = 100
Ω, TAMB = -40 to +85ºC
1.24
Output Voltage
2
2. Voltage which triggers next loading cycle. Ripple and rms value depend on external components.
VOUT
TAMB = +25ºC
4.950
5.000
5.050
V
TAMB = -40 to +85ºC
4.875
5.125
N-Channel
On-Resistance
RNCH
ILX = 100mA, TAMB = +25ºC
0.3
1.2
Ω
ILX = 100mA, TAMB = -40 to +85ºC
1.5
P-Channel On-Resistance
RPCH
ILX = 100mA, TAMB = +25ºC
0.4
1.3
Ω
ILX = 100mA, TAMB = -40 to +85ºC
1.6
N-Channel Switch Current Limit
1
IMAX
TAMB = +25ºC
550
700
850
mA
TAMB = -40 to +85ºC
450
950
Switch Maximum
On-Time
tON
TAMB = +25ºC
5
7
9
µs
TAMB = -40 to +85ºC
4
10
Synchronous Rectifier
Zero-Crossing Current
TAMB = +25ºC
8
30
60
mA
TAMB = -40 to +85ºC
0
65
Quiescent Current into OUT
VOUT = +5.5V, TAMB = +25ºC
35
55
µA
VOUT = +5.5V, TAMB = -40 to +85ºC
60
Shutdown Current into OUT
VSHDNN = 0V, TAMB = +25ºC
0.01
1
µA
VSHDNN = 0V, TAMB = -40 to +85ºC
2
Quiescent Current into BATT
VOUT = +5.5V, TAMB = +25ºC
0.01
1
µA
VOUT = +5.5V, TAMB = -40 to +85ºC
2
Shutdown Current into BATT
VSHDNN = 0V, TAMB = +25ºC
0.01
1
µA
VSHDNN = 0V, TAMB = -40 to +85ºC
2
SHDNN Logic Low
1
VBATT = +1.5 to +5.0V
0.3
V
SHDNN Threshold
Rising Edge, TAMB = +25ºC
1.185
1.228
1.271
V
Rising Edge, TAMB = -40 to +85ºC
1.170
1.286
SHDNN Threshold Hysteresis
0.02
V
RESETN Threshold
Falling Edge, TAMB = +25ºC
4.288
4.500
4.712
V
Falling Edge, TAMB = -40 to +85ºC
4.242
4.758
RESETN Voltage Low
IRESETN = 1mA, VOUT = +2.5V,
TAMB = +25ºC
0.15
V
IRESETN = 1mA, VOUT = +2.5V,
TAMB = -40 to +85ºC
0.2
RESETN Leakage Current
VRESETN = +5.5V, TAMB = +25ºC
0.1
100
nA
VRESETN = +5.5V, TAMB = +85ºC
1
LX Leakage Current
TAMB = +25ºC
0.1
1000
nA
TAMB = +85ºC
10
Maximum Load Current
ILOAD
VBATT = +2V
130
mA
Efficiency
η
VBATT = +3V, ILOAD = 100mA
91
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com