Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1321 Datasheet(PDF) 4 Page - ams AG

Part # AS1321
Description  130mA Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1321 Datasheet(HTML) 4 Page - ams AG

  AS1321 Datasheet HTML 1Page - ams AG AS1321 Datasheet HTML 2Page - ams AG AS1321 Datasheet HTML 3Page - ams AG AS1321 Datasheet HTML 4Page - ams AG AS1321 Datasheet HTML 5Page - ams AG AS1321 Datasheet HTML 6Page - ams AG AS1321 Datasheet HTML 7Page - ams AG AS1321 Datasheet HTML 8Page - ams AG AS1321 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.austriamicrosystems.com
Revision 1.01
4 - 12
AS132 1
austriamicrosystems
Data Sheet
6 Typical Operating Characteristics
VOUT = 5.0V, VBATT = +2V, TAMB = +25ºC.
Figure 2. VOUT vs. VBATT; On, 39
Ω
Figure 3. VOUT vs. VBATT; On, 470
Ω
Figure 4. VOUT vs. VBATT; Shutdown, 130mA Load
Figure 5. VOUT vs. VBATT; Shutdown, No Load
Figure 6. Maximum Output Current vs. VBATT
Figure 7. Startup Voltage vs. Load Resistance
0
1
2
3
4
5
6
01
23
4
5
Battery Voltage (V)
0
1
2
3
4
5
6
01
23
45
Battery Voltage (V)
0
1
2
3
4
5
6
01234
56
Battery Voltage (V)
0
1
2
3
4
5
6
01234
56
Battery Voltage (V)
0
50
100
150
200
250
300
350
1.52
2.53
3.54
4.5
5
Battery Voltage (V)
0
1
2
3
4
5
10
100
1000
10000
Load Resistance (Ohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com