Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-101-R Datasheet (PDF) - Skyworks Solutions Inc.

DR127-101-R Datasheet PDF - Skyworks Solutions Inc.
Part # DR127-101-R
Download  DR127-101-R Download
File Size   616.03 Kbytes
Page   46 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)

DR127-101-R Datasheet (PDF)

Go To PDF Page Download Datasheet
DR127-101-R Datasheet PDF - Skyworks Solutions Inc.

Part # DR127-101-R
Download  DR127-101-R Click to download

File Size   616.03 Kbytes
Page   46 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)

DR127-101-R Datasheet (HTML) - Skyworks Solutions Inc.


DR127-101-R Product details

Si32172/3/5 Features
 Complete FXS solution in 5 x 7 mm
 3-wire ISI combines PCM, SPI, and
interrupt data
 Performs all BORSCHT functions
 Ideal for short to medium loops
 Global programmability
 Internal balanced or unbalanced
ringing
 Patented low power ringing
 Simplified configuration and
diagnostics
 Supported by ProSLIC API
 Ultra low power consumption
 Integrated tracking dc-dc controller
with direct connection to MOSFET
 Wideband voice support
(Si32172/3)
 On-hook transmission
 Loop or ground start operation
 Smooth polarity reversal
 A-Law/μ-Law companding,
linear PCM
 Software-programmable
parameters:
Ringing frequency, amplitude,
cadence, and waveshape
Two-wire ac impedance
Transhybrid balance
DC current loop feed (10-45 mA)
Loop closure and ring trip
thresholds
Ground key detect threshold
 DTMF generation
 DTMF detection (Si32175)
 Pulse metering
 3.3 V operation
 Support for 1.8 V I/O
 Maximum battery up to –140 V
 Pb-free/RoHS-compliant
packaging




Similar Part No. - DR127-101-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR127-101-R COOPER-DR127-101-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR127-101-R ETC2-DR127-101-R Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Eaton All Rights Reserv...
DR127-101-R EATON-DR127-101-R Datasheet
845Kb / 9P
High power density, high efficiency, shielded drum core power inductors
logo
Skyworks Solutions Inc.
DR127-101-R SKYWORKS-DR127-101-R Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
More results


Similar Description - DR127-101-R

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI32178-B-FM SILICONIMAGE-SI32178-B-FM Datasheet
91Kb / 2P
ProSLIC짰 Single-Chip FXS Solution with FXO Option
logo
Silicon Laboratories
SI32178-B-FM SILABS-SI32178-B-FM Datasheet
91Kb / 2P
ProSLIC Single-Chip FXS Solution with FXO Option
SI3228X SILABS-SI3228X Datasheet
319Kb / 3P
ProSLIC짰 Single-Chip Dual FXS Solution
logo
Skyworks Solutions Inc.
SI3217X-C SKYWORKS-SI3217X-C Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
SI3217XB SKYWORKS-SI3217XB Datasheet
1Mb / 50P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
SI3218X SKYWORKS-SI3218X Datasheet
1Mb / 43P
ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI3219X SKYWORKS-SI3219X Datasheet
1Mb / 32P
ProSLIC® Single FXS Solution
Rev. 1.0 October 6, 2021
SI32260 SKYWORKS-SI32260 Datasheet
1Mb / 59P
SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
SI3228X SKYWORKS-SI3228X Datasheet
1Mb / 42P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.0 August 11, 2021
SI3229X SKYWORKS-SI3229X Datasheet
1Mb / 43P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.1 July 26, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com