Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-101-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 2Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 3Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 4Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 5Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 6Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 7Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 9Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Si32172/3/5
6
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Signal-to-(Noise + Distortion)
Ratio2
200Hz to 3.4kHz
D/A or A/D 8-bit
Active off-hook, and OHT, any ZT
Figure 2
Audio Tone Generator Signal-to-
Distortion Ratio2
0 dBm0, Active off-hook, and
OHT, any ZT
46
dB
Intermodulation Distortion
–41
dB
Gain Accuracy2
2-Wire to PCM or PCM to 2-Wire
1014 Hz, Any gain setting
–0.2
0.2
dB
Attenuation Distortion vs.
Frequency
0dBm06
See Figure 16 and 17
Group Delay vs. Frequency
See Figure 18 and 19
Gain Tracking3
1014 Hz sine wave,
reference level –10 dBm
Signal level:
——
3 dB to –37 dB
0.25
dB
–37 dB to –50 dB
0.5
dB
–50 dB to –60 dB
1.0
dB
Round-Trip Group Delay
1014 Hz, Within same time-slot
450
500
µs
2-Wire Return Loss4
200Hz to 3.4kHz
26
30
dB
Transhybrid Balance4
300Hz to 3.4kHz
26
30
dB
Noise Performance
Idle Channel Noise5
C-Message weighted
8
12
dBrnC
Psophometric weighted
–82
–78
dBmP
PSRR from VDD, VDDIO @ 3.3 V
RX and TX, 200 Hz to 3.4 kHz
55
dB
Longitudinal Performance
Longitudinal to Metallic/PCM
Balance (forward or reverse)
200Hz to 1kHz
58
60
dB
1kHz to 3.4kHz
53
58
dB
Metallic/PCM to
Longitudinal Balance
200 Hz to 3.4 kHz
40
dB
Longitudinal Impedance
200 Hz to 3.4 kHz at TIP or RING
50
Longitudinal Current Capability
Active off-hook 60 Hz
Reg 73 = 0x0B
—25
mA
Table 3. AC Characteristics for FXS (Continued)
TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Test Condition
Min
Typ
Max
Unit
Notes:
1. The input signal level should be 0 dBm0 for frequencies greater than 100 Hz. For 100 Hz and below, the level should
be –10 dBm0. The output signal magnitude at any other frequency is smaller than the maximum value specified.
2. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
3. The quantization errors inherent in the µ/A-law companding process can generate slightly worse gain tracking
performance in the signal range of 3 to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM
sampling rate.
4. VDD, VDDIO =3.3 V, VBAT = –52 V, no fuse resistors; RL = 600 , ZS = 600  synthesized using RS register
coefficients.
5. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.
6. 0 dBm 0 is equal to 0 dBm into 600
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com