Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-101-R Datasheet(PDF) 31 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 31 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 27Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 28Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 29Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 30Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 31Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 32Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 33Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 34Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 35Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Si32172/3/5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
31
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
6.13. In-Circuit and Metallic Loop Testing (MLT)
A rich set of features is provided for in-circuit testing of the FXS system and the connected telephone line (MLT):
 Tone generators
 Audio diagnostic filters
 Digital and analog loop-back modes
 Internal test load
 Monitor ADC
 DSP algorithms
Using these facilities, it is possible to test the Si32172/3/5’s dc-dc converter, codec, line-feed, ISI bus interface,
DSP, and call progress state-machine as well as testing the connected telephone line and external protection
circuitry.
The audio diagnostic filters on the FXS are intended to provide programmable filtering of the TX digital audio signal
and calculate the peak and/or average signal power of the filters’ outputs. The signal powers are then compared to
programmable thresholds. The programmable filters can be used to band-pass filter a certain tone or notch out
certain tones, so that the signal power measurements are frequency selective. This filtering is useful in a telephony
system because it can measure harmonic distortion, intermodulation, noise, etc.
The Si32172/3/5 incorporates an internal test load with a 2.2 k
 nominal value that can be connected across
Tip/Ring (Figure 16). The audio diagnostics system and built-in test load can be used to test the FXS interface
(Si32172/3/5) itself without requiring an external load, a connected line, or any relays. This facility can be used for
production and in-service testing of such things as:
 Dial tone draw/break
 Audio quality measurements
 Pulse digit detection
 DC feed
 Ringtrip
 Polarity reversal
 Transmission loss
MLT, e.g., GR-909, is facilitated by the built-in DSP, monitor ADC, and test load. They provide the ability to detect
multiple fault conditions within the CPE as well as on the Tip/Ring pair (T-R). Thirteen different measured and/or
calculated parameters are reported by the Monitor ADC. Host software for use in conjunction with the ProSLIC API
is available from Skyworks Solutions. Typical MLT tests include:
 Hazardous Potential Test – This checks for ac voltage > 50 VRMS or dc voltage > 135 V between Tip and
Ground (T-G) or Ring and Ground (R-G).
 Foreign Electromotive Force Test – Checks T-G or R-G for ac voltage > 10 VRMS or dc voltage > 6 V. Uses
same threshold as for hazardous voltage test.
 Resistive Faults Test – Checks for dc resistance from T-R, T-G or R-G. Any measurement < 150 k
 is
considered a resistive fault.
 Receiver-Off-Hook Test – Distinguishes between a T-R resistive fault and an off-hook condition.
 Ringers Test – Measures the magnitude of the connected ring load (REN) across T-R. Results are > 0.175 REN
and < 5 REN for a valid load
 AC Line Impedance (line length) – T-R, T-G, and R-G. Generates a tone at several specific frequencies (audio
band) and measures the reflected signal amplitude (complex spectrum) that comes back (with transhybrid
balance filter disabled). The reflected signal is then used to calculate the line impedance based on certain
assumptions of wire gauge, etc.
 Line Capacitance – T-R, T-G, R-G. Generates a linear ramp function with polarity reversal, and measures the
time constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com