Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-101-R Datasheet(PDF) 43 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 43 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 38Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 39Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 40Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 41Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 42Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 43Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 44Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 45Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 46Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Si32172/3/5
43
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
13. Top Markings
13.1. Top Marking
13.2. Top Marking Explanation
Line 1 Marking:
Device Part Number
e.g., 32172-FM1
Line 2 Marking:
YY = Year
WW = Work Week
Assigned by the Assembly House. Corresponds to
the year and work week of the assembly release.
TTTTTT = Mfg Code
Manufacturing Code from the Assembly Purchase
Order form.
Line 3 Marking:
Circle = 0.5 mm Diameter
Lower Left-Justified
Pin 1 Identifier
Circle = 1.3 mm Diameter
Center-Justified
“e4” Pb-Free Symbol
Country of Origin
ISO Code Abbreviation
e.g., KR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com