Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-101-R Datasheet(PDF) 24 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 24 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 20Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 21Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 22Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 23Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 24Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 25Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 26Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 27Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 28Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Si32172/3/5
24
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Table 13. BJT Buck Boost Bill of Materials
Reference
Value
Rating
Volt
Tol
Type
PCB
Footprint
Mfr Part Number
Mfr
C122
0.1 uF
100
±20%
X7R
C0603
C0603X7R101-104M
Venkel
C120 C123
10 uF
100
±20%
Alum_Elec
C2X5MM-
RAD
ECA2AM100
Panasonic
C121 C125
0.1 uF
25
±20%
X7R
C0603
C0603X7R250-104M
Venkel
D120
ES1D
1.0A
200
Single
DO-214AC
ES1D
Diodes Inc.
D121
BAS16-7-F
300mA
75
Single
SOT23-AXK
BAS16-7-F
Diodes Inc.
L120
100 uH
3.64A
±20%
Shielded
IND-SPD
DR127-101-R
Cooper
Bussman
Q120
ZXTP2014G
4A
140
PNP
SOT223-
BCE
ZXTP2014G
Zetex
Q121
MMBT2222LT1 600mA
30
NPN
SOT23-BEC
MMBT2222LT1
On Semi
R120 R121
R122 R123
1
1/16W
±1%
ThickFilm
R0402
CR0402-16W-1R00F
Venkel
R124
120
1/10W
±1%
ThickFilm
R0603
CR0603-10W-1200F
Venkel
R125 R127
47K
1/16W
±1%
ThickFilm
R0402
CR0402-16W-4702F
Venkel
R125
200
1/10W
±1%
ThickFilm
R0603
CR0603-10W-2000F
Venkel
R128
15
1/10W
±1%
ThickFilm
R0805
CR0805-10W-15R0F
Venkel
C124
0.01uF
10
±20%
X7R
C0402
C0402X7R100-103M
Venkel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com