Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-101-R Datasheet(PDF) 23 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 23 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 19Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 20Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 21Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 22Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 23Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 24Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 25Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 26Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 27Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Si32172/3/5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
23
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Table 12. Flyback Bill of Materials
Reference
Value
Rating
Volt
Tol
Type
PCB
Footprint
Mfr Part Number
Mfr
C120
(Not Installed)
10 µF
25
±20%
X7R
C1210
C1210X7R250-106M
Venkel
C122
(Not Installed)
470 pF
100
±10%
X7R
C0603
C0603X7R101-471K
Venkel
C127
(Not Installed)
0.1 µF
200
±20%
X7R
C1206
C1206X7R201-104M
Venkel
D121
(Not Installed)
75 V
200mW
75
Zener
SOD-323
BZX384C75-V
Vishay
D122
(Not Installed)
BAS16X
200mA
75
Switch
SOD-523
BAS16XV2T1G
On Semi
R125
(Not Installed)
15
1/2W
±5%
ThickFilm
R1210
CR1210-2W-150J
Venkel
C121
0.1 µF
50
±10%
X7R
C0603
C0603X7R500-104K
Venkel
C123
0.1 µF
10
±10%
X7R
C0402
C0402X7R100-104K
Venkel
C124 C125
C126
0.1 µF
200
±20%
X7R
C1206
C1206X7R201-104M
Venkel
D123
ES1F
1.0A
300
Fast
DO-214AC
ES1F
Fairchild
Q120
FQT7N10L
1.7A
100
N-CHNL
SOT223-
GDS
FQT7N10L
Fairchild
R120
0.1
1/2W
±1%
ThickFilm
R1210
LCR1210-R100F
Venkel
R121 R122
0
1A
ThickFilm
R0402
CR0402-16W-000
Venkel
R123
15
1/16W
±1%
ThickFilm
R0402
CR0402-16W-15R0F
Venkel
R124
68K
1/16W
±5%
ThickFilm
R0402
CR0402-16W-683J
Venkel
R126
15
1/2W
±5%
ThickFilm
R1210
CR1210-2W-150J
Venkel
T120
8 µH
4A
XFMR-
UTB01701s
UTB01890s
UMEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com