Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-101-R Datasheet(PDF) 25 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 25 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 21Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 22Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 23Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 24Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 25Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 26Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 27Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 28Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 29Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
Si32172/3/5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
25
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Table 14. PMOS Buck Boost Bill of Materials
Reference
Value
Rating
Volt
Tol
Type
PCB
Footprint
Mfr Part Number
Mfr
C120
10 µF
16
±10%
X5R
C0805
C0805X5R160-106K
Venkel
C121
0.1 µF
25
±20%
X7R
C0603
C0603X7R250-104M
Venkel
C122
0.01 µF
25
±10%
X7R
C0402
C0402X7R250-103K
Venkel
C123
0.1 µF
10
±10%
X7R
C0402
C0402X7R100-104K
Venkel
C124 C125
C126
0.1 µF
200
±20%
X7R
C1206
C1206X7R201-104M
Venkel
D121
BAS16X
200mA
75
Switch
SOD-523
BAS16XV2T1G
On Semi
D122
ES1D
1.0A
200
Fast
DO-214AC
ES1D
Diodes
Inc.
L120
33 µH
1.4A
±20%
Shielded
IND-
NR6045
NR 6045T 330M
Taiyo
Yuden
Q120
Si3437DV
1.4A
–150
P-CHNL
TSOP6N2.8
5P0.95
Si3437DV
Vishay
R120
0.1
1/2W
±1%
ThickFilm
R1206
LCR1206-R100F
Venkel
R121 R122
0
1A
ThickFilm
R0402
CR0402-16W-000
Venkel
R123
68K
1/16W
±5%
ThickFilm
R0402
CR0402-16W-683J
Venkel
R124
15
1/16W
±1%
ThickFilm
R0402
CR0402-16W-15R0F
Venkel
R125
15
1/10W
±1%
ThickFilm
R0805
CR0805-10W-15R0F
Venkel
Table 15. Protection Bill of Materials
Reference
Value
Rating
Volt
Tol
Type
PCB
Footprint
Mfr Part Number
Mfr
C150
0.1 µF
200
±20%
X7R
C1206
C1206X7R201-104M
Venkel
C151
0.01 µF
200
±10%
X7R
C0805
C0805X7R201-103K
Venkel
RT150
RT151
PTC
3A
250
TelCom
PTC-MF-
SM013/250V
MF-SM013/250V
Bourns
R150 R151
15
1/10W
±1%
ThickFilm
R0805
CR0805-10W-15R0F
Venkel
U150
TISP61089BDR
–150
SLIC
SO8N6.0P1.
27
TISP61089BDR
Bourns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com