Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-101-R Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 7Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 9Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 10Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 11Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 12Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 13Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 14Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Si32172/3/5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
11
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Table 9. Thermal Conditions
Parameter
Symbol
Test Condition
Value
Unit
Storage Temperature Range
TSTG
–55 to 150
°C
Thermal Resistance, Typical1
QFN-42
JA
JB
JC
53
33
39
°C/W
Continuous Power Dissipation2,3
QFN-42
PD
TA = 85 °C
0.75
W
Maximum Junction Temperature,
QFN-42 (Linefeed Die)
TJHV
Continuous
145
°C
Maximum Junction Temperature
QFN-42 (Low Voltage Die)
TJLV
125
°C
Notes:
1. The thermal resistance of an exposed pad package is assured when the recommended printed circuit board layout
guidelines are followed correctly. The specified performance requires that the exposed pad be soldered to an exposed
copper surface of at least equal size and that multiple vias are added to enable heat transfer between the top-side
copper surface and a large internal/bottom copper plane. Thermal resistance values are empirical measurements taken
from Skyworks Solutions EVBs.
2. Operation above 125 °C junction temperature may degrade device reliability. Thermal resistance values are empirical
measurements taken from Skyworks Solutions EVBs.
3. The linefeed is equipped with on-chip thermal limiting circuitry that shuts down the circuit when the junction temperature
exceeds the thermal shutdown threshold. The thermal shutdown threshold should normally be set to 145 °C; when in
the ringing state with cadence the thermal shutdown may be set to 200 °C. For optimal reliability long term operation of
the linefeed above 150 °C junction temperature should be avoided.
Table 10. Absolute Maximum Ratings1
Parameter
Symbol
Test Condition
Value
Unit
Supply Voltage
VDD, VDDIO
–0.5 to 4.0
V
Digital Input Voltage
VIND
–0.3 to 3.6
V
Battery Supply Voltage2, Si32172/5
VBAT
+0.4 to –115
V
Battery Supply Voltage3, Si32173
VBAT
+0.4 to –142
V
Tip or Ring Voltage, Si32172/53
VTIP, VRING
–130
V
Tip or Ring Voltage, Si321733
VTIP, VRING
–142
V
TIP, RING Current
ITIP, IRING
±100
mA
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet.
2. The dv/dt of the voltage applied to the VBAT pins must be limited to 10 V/µs.
3. Specification requires circuit for surge event as shown in typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com