Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-101-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  DR127-101-R Datasheet HTML 1Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 2Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 3Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 4Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 5Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 6Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 7Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Si32172/3/5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
5
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Supply Currents:
Tip/Ring Open,
On-hook
IDD
VT or VR =–48 V
VR or VT = Hi-Z,
Automatic Power Save Mode disabled
30.6
mA
IVBAT
1.3
mA
Supply Currents:
Forward/Reverse OHT,
On-hook
IDD
VTR =48 V,
43.8
mA
IVBAT
2.9
mA
Supply Currents:
Forward/Reverse Active,
Off-hook
IDD
ILOOP =20mA RLOAD =200 Ω,
44.6
mA
IVBAT
21.3
mA
Supply Currents:
Ringing
IDD
VTR =55VRMS + 0 VDC,
balanced, sinusoidal, f = 20 Hz,
RLOAD = 5 REN = 1400
Ω
35.8
mA
IVBAT
37.5
mA
Table 3. AC Characteristics for FXS
TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Test Condition
Min
Typ
Max
Unit
TX/RX Performance
Overload Level
2.5
VPK
Overload Compression
2-Wire – PCM
Figure 3
Single Frequency Distortion1
2-Wire – PCM or PCM – 2-Wire:
200Hz to 3.4kHz
——
–40
dB
PCM – 2-Wire – PCM:
200 Hz – 3.4 kHz,
16-bit Linear mode
——
–63
dB
Notes:
1. The input signal level should be 0 dBm0 for frequencies greater than 100 Hz. For 100 Hz and below, the level should
be –10 dBm0. The output signal magnitude at any other frequency is smaller than the maximum value specified.
2. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
3. The quantization errors inherent in the µ/A-law companding process can generate slightly worse gain tracking
performance in the signal range of 3 to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM
sampling rate.
4. VDD, VDDIO =3.3 V, VBAT = –52 V, no fuse resistors; RL = 600 , ZS = 600  synthesized using RS register
coefficients.
5. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.
6. 0 dBm 0 is equal to 0 dBm into 600
.
Table 2. Power Supply Characteristics (Continued)
TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. All specifications are for a single channel of Si3217x with a tracking flyback dc-dc converter.
2. ILOOP is the dc current in the subscriber loop during the off-hook state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com