Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR127-101-R Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 4Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 5Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 6Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 7Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 9Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 10Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 11Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Si32172/3/5
8
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Loop Current
Sense Accuracy
ILOOP =18 mA
7
10
%
Power Alarm
Threshold Accuracy
Power Threshold = 1.0 W
VBAT =–56 V, ILDDD =40mA,
RLOAD = 600 
—15—
%
Test Load Impedance
RTEST
HVIC_STATE_SPARE[23] = 1;
V
T/R 50 V
—2.2
k
Test Load Voltage
VTL
HVIC_STATE_SPARE[23] = 1
±5
±50
V
*Note: Ringing amplitude is set for 108 or 128 V peak and measured at TIP-RING using no series protection resistance.
Table 5. Digital I/O Characteristics
TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
0.7 x
VDDIO
—VDDIO
V
Low Level Input Voltage
VIL
0.3 x
VDDIO
V
High Level Output
Voltage*
VOH
VDDIO –
0.6
——
V
Low Level Output
Voltage*
VOL
IO =4mA
0.4
V
RST Internal Pullup Current
33
42
65
µA
Input Leakage Current
IL
——
10
µA
Table 6. Charge Pump Characteristics
TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Voltage
(DCDRV, DCFF)
VCP
2xVDD – 1
2xVDD
V
Output Current
ICP
——
3*
mA
*Note: Peak drive current capability is >60 mA.
Table 4. Linefeed Characteristics for FXS (Continued)
TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com