Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT845 Datasheet (PDF) - NXP Semiconductors

74ABT845 Datasheet PDF - NXP Semiconductors
Part # 74ABT845
Download  74ABT845 Download
File Size   78.75 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit bus interface latch with set and reset 3-State

74ABT845 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT845 Datasheet PDF - NXP Semiconductors

Part # 74ABT845
Download  74ABT845 Click to download

File Size   78.75 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit bus interface latch with set and reset 3-State

74ABT845 Datasheet (HTML) - NXP Semiconductors


74ABT845 Product details

DESCRIPTION
The 74ABT845 consists of eight D-type latches with 3-State outputs. In addition to the LE, OE, MR and PRE pins, the 74ABT845 has two additional OE pins, making a total of three Output Enable (OE0, OE1, OE2) pins. The multiple Output enables allow multiuser control of the interface, e.g., CS, DMA, and RD/WR.

FEATURES
• High speed parallel latches
• Ideal where high speed, light loading, or increased fan-in are required with MOS microprocessors
• Broadside pinout
• Output capability: +64mA/–32mA
• Power-up 3-State
• Power-up reset
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model




Similar Part No. - 74ABT845

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
10-bit bus interface latch 3-State
1995 Sep 06
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841D PHILIPS-74ABT841D Datasheet
69Kb / 6P
10-bit bus interface latch 3-State
1995 Sep 06
74ABT841D NXP-74ABT841D Datasheet
304Kb / 15P
10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841DB PHILIPS-74ABT841DB Datasheet
69Kb / 6P
10-bit bus interface latch 3-State
1995 Sep 06
More results


Similar Description - 74ABT845

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
20-bit bus interface latch 3-State
1998 Feb 27
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
10-bit bus interface latch 3-State
1995 Sep 06
74ABT843 PHILIPS-74ABT843 Datasheet
113Kb / 14P
9-bit interface latch with set and reset 3-State
1998 Jan 16
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
20-bit bus interface D-type latch 3-State
1998 Jul 27
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
Dual 10-bit bus interface latch 3-State
August 24, 1993
logo
Texas Instruments
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
logo
Texas Instruments
SN74BCT29846 TI1-SN74BCT29846 Datasheet
98Kb / 5P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
CY74FCT825T TI1-CY74FCT825T_14 Datasheet
813Kb / 14P
8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com