Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC374 Datasheet (PDF) - NXP Semiconductors

74AHC374 Datasheet PDF - NXP Semiconductors
Part # 74AHC374
Download  74AHC374 Download
File Size   93.09 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop; positive edge-trigger; 3-state

74AHC374 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC374 Datasheet PDF - NXP Semiconductors

Part # 74AHC374
Download  74AHC374 Click to download

File Size   93.09 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop; positive edge-trigger; 3-state

74AHC374 Datasheet (HTML) - NXP Semiconductors


74AHC374 Product details

DESCRIPTION
The 74AHC/AHCT374 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard No. 7A.

FEATURES
• ESD protection:
   HBM EIA/JESD22-A114-A exceeds 2000 V
   MM EIA/JESD22-A115-A exceeds 200 V
   CDM EIA/JESD22-C101 exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Inputs accepts voltages higher than VCC
• Common 3-state output enable input
• ICC category: MSI
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from
   −40 to +85 and +125 °C.




Similar Part No. - 74AHC374

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC374 NEXPERIA-74AHC374 Datasheet
607Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 03 - 12 June 2008
74AHC374-Q100 NEXPERIA-74AHC374-Q100 Datasheet
815Kb / 18P
Octal D-type flip-flop; positive edge-trigger; 3-state
74AHC374D NEXPERIA-74AHC374D Datasheet
607Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 03 - 12 June 2008
74AHC374D-Q100 NEXPERIA-74AHC374D-Q100 Datasheet
815Kb / 18P
Octal D-type flip-flop; positive edge-trigger; 3-state
74AHC374PW NEXPERIA-74AHC374PW Datasheet
607Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 03 - 12 June 2008
More results


Similar Description - 74AHC374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com