Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0184 Datasheet (PDF) - Tyco Electronics

MASWSS0184 Datasheet PDF - Tyco Electronics
Part # MASWSS0184
Download  MASWSS0184 Download
File Size   240.72 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power GaAs DPDT Diversity Switch DC - 4.0 GHz

MASWSS0184 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0184 Datasheet PDF - Tyco Electronics

Part # MASWSS0184
Download  MASWSS0184 Click to download

File Size   240.72 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power GaAs DPDT Diversity Switch DC - 4.0 GHz

MASWSS0184 Datasheet (HTML) - Tyco Electronics


MASWSS0184 Product details

Description
M/A-COM’s MASWSS0184 is a broadband GaAs PHEMT MMIC diversity switch available in a leadfree 3 mm 12-lead PQFN package. The MASWSS0184 is ideally suited for applications where very small size and high linear power are required.

Features
• Ideal for high power diversity switch applications including WiMax, WLAN MESH Networks, and Fixed Wireless Access
• Broadband Performance: DC - 4.0 GHz
• Low Insertion Loss: 0.8 dB @ 2.5 GHz and
                                  1.2 dB @ 3.5 GHz
• High P1dB Compression: 39.5 dBm @ 5 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MASWSS0184

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0184 MA-COM-MASWSS0184 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASWSS0184 MA-COM-MASWSS0184 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASWSS0184SMB MA-COM-MASWSS0184SMB Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASWSS0184SMB MA-COM-MASWSS0184SMB Datasheet
642Kb / 6P
High Power GaAs DPDT Diversity Switch
MASWSS0184TR-3000 MA-COM-MASWSS0184TR-3000 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
More results


Similar Description - MASWSS0184

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007587 MACOM-MASW-007587 Datasheet
129Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASW-007656 MACOM-MASW-007656 Datasheet
142Kb / 6P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0184 MA-COM-MASWSS0184 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASW-007587 MA-COM-MASW-007587 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASWSS0094 MA-COM-MASWSS0094 Datasheet
119Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0184 MA-COM-MASWSS0184 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASW-007587 MA-COM-MASW-007587_15 Datasheet
642Kb / 6P
High Power GaAs DPDT Diversity Switch
MASWSS0184 MA-COM-MASWSS0184_15 Datasheet
642Kb / 6P
High Power GaAs DPDT Diversity Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com