Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007587 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-007587 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-007587
Download  MASW-007587 Download
File Size   113.9 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Power GaAs DPDT Diversity Switch DC - 4.0 GHz

MASW-007587 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-007587 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-007587
Download  MASW-007587 Click to download

File Size   113.9 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Power GaAs DPDT Diversity Switch DC - 4.0 GHz

MASW-007587 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-007587 Product details

Description
M/A-COM’s MASW-007587 is a broadband GaAs
PHEMT MMIC diversity switch available in a leadfree 3 mm 12-lead PQFN package. The MASW-007587 is ideally suited for applications where very
small size and high linear power are required.
Typical applications include 2.5 & 3.5 GHz WiMax, WLAN MESH networks, fixed wireless access, and other higher power systems. Designed for high power, this DPDT switch maintains high linearity up to 4.0 GHz.
The MASW-007587 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.

Features
• Ideal for high power diversity switch applications including WiMax, WLAN MESH Networks, and Fixed Wireless Access
• Broadband Performance: DC - 4.0 GHz
• Low Insertion Loss: 0.8 dB @ 2.5 GHz and
                                  1.2 dB @ 3.5 GHz
• High P1dB Compression: 39.5 dBm @ 5 V
• Fast Settling for Low Gate Lag Requirements
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free "Green" Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MASW-007587

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007587 MACOM-MASW-007587 Datasheet
129Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-007587 MA-COM-MASW-007587 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch
logo
Tyco Electronics
MASW-007587-000SMB MACOM-MASW-007587-000SMB Datasheet
129Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-007587-000SMB MA-COM-MASW-007587-000SMB Datasheet
642Kb / 6P
High Power GaAs DPDT Diversity Switch
logo
Tyco Electronics
MASW-007587-TR3000 MACOM-MASW-007587-TR3000 Datasheet
129Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
More results


Similar Description - MASW-007587

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0184 MACOM-MASWSS0184 Datasheet
240Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASW-007587 MACOM-MASW-007587 Datasheet
129Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASW-007656 MACOM-MASW-007656 Datasheet
142Kb / 6P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0184 MA-COM-MASWSS0184 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASWSS0094 MA-COM-MASWSS0094 Datasheet
119Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0184 MA-COM-MASWSS0184 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
MASW-007587 MA-COM-MASW-007587_15 Datasheet
642Kb / 6P
High Power GaAs DPDT Diversity Switch
MASWSS0184 MA-COM-MASWSS0184_15 Datasheet
642Kb / 6P
High Power GaAs DPDT Diversity Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com