Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS150. Datasheet (PDF) - Vishay Siliconix

VLMS150. Datasheet PDF - Vishay Siliconix
Part # VLMS150.
Download  VLMS150. Download
File Size   234.76 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrabright 0402 ChipLED

VLMS150. Datasheet (PDF)

Go To PDF Page Download Datasheet
VLMS150. Datasheet PDF - Vishay Siliconix

Part # VLMS150.
Download  VLMS150. Click to download

File Size   234.76 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrabright 0402 ChipLED

VLMS150. Datasheet (HTML) - Vishay Siliconix


VLMS150. Product details

DESCRIPTION
The new ChipLED series have been designed in the smallest
SMD package. This innovative ChipLED technology opens
the way to
• smaller products of higher performance
• more design in flexibility
• enhanced applications
The 0402 LED is an obvious solution for small-scale, high
brightness products that are expected to work reliable in an
arduous environment.

FEATURES
• Super thin ChipLED with exceptional brightness
1.0 mm x 0.5 mm x 0.35 mm (L x W x H)
• High reliability PCB based
• Wavelength (470 to 475) nm (blue), typ. 571 nm
(yellow green), (587 to 597) nm (yellow), typ.
605 nm (soft orange), typ. 631 nm (super red)
• AllnGaP and InGaN technology
• Viewing angle: extremely wide 130°
• Grouping parameter: luminous intensity,
wavelength (except super red and soft
orange), VF
• Available in 8 mm tape on 7" diameter reel
• Compatible to IR reflow soldering
• Preconditioning according to JEDEC® level 2a
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VLMS150.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS150 VISHAY-VLMS150 Datasheet
235Kb / 12P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMS1500 VISHAY-VLMS1500 Datasheet
215Kb / 11P
Ultrabright 0402 ChipLED
21-May-12
VLMS1500-GS08 VISHAY-VLMS1500-GS08 Datasheet
215Kb / 11P
Ultrabright 0402 ChipLED
21-May-12
VLMS1500-GS08 VISHAY-VLMS1500-GS08 Datasheet
266Kb / 12P
Ultrabright 0402 ChipLED
05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1500-GS08 TO-GRACE-VLMS1500-GS08 Datasheet
743Kb / 12P
Ultrabright 0402 ChipLED
More results


Similar Description - VLMS150.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS1500 VISHAY-VLMS1500 Datasheet
215Kb / 11P
Ultrabright 0402 ChipLED
21-May-12
VLMW1500 VISHAY-VLMW1500 Datasheet
188Kb / 8P
Ultrabright 0402 ChipLED
21-May-12
logo
List of Unclassifed Man...
L03R3000F1 ETC2-L03R3000F1 Datasheet
211Kb / 3P
ULTRABRIGHT YELLOW
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15 Datasheet
185Kb / 8P
Ultrabright 0402 ChipLED
10-Jul-14
VLMS150X VISHAY-VLMS150X Datasheet
266Kb / 12P
Ultrabright 0402 ChipLED
05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1500-GS08 TO-GRACE-VLMS1500-GS08 Datasheet
743Kb / 12P
Ultrabright 0402 ChipLED
VLMW1500-GS08 TO-GRACE-VLMW1500-GS08 Datasheet
528Kb / 8P
Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMS150 VISHAY-VLMS150_V01 Datasheet
235Kb / 12P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMW15 VISHAY-VLMW15_V01 Datasheet
264Kb / 8P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMW15 VISHAY-VLMW15_V02 Datasheet
263Kb / 8P
Ultrabright 0402 ChipLED
19-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com