Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS150. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMS150.
Description  Ultrabright 0402 ChipLED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS150. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMS150. Datasheet HTML 1Page - Vishay Siliconix VLMS150. Datasheet HTML 2Page - Vishay Siliconix VLMS150. Datasheet HTML 3Page - Vishay Siliconix VLMS150. Datasheet HTML 4Page - Vishay Siliconix VLMS150. Datasheet HTML 5Page - Vishay Siliconix VLMS150. Datasheet HTML 6Page - Vishay Siliconix VLMS150. Datasheet HTML 7Page - Vishay Siliconix VLMS150. Datasheet HTML 8Page - Vishay Siliconix VLMS150. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VLMS150., VLMO1500, VLMY150., VLMG1500, VLMTG150., VLMB150.
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 19-Mar-2021
1
Document Number: 82554
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrabright 0402 ChipLED
DESCRIPTION
The new ChipLED series have been designed in the smallest
SMD package. This innovative ChipLED technology opens
the way to
• smaller products of higher performance
• more design in flexibility
• enhanced applications
The 0402 LED is an obvious solution for small-scale, high
brightness products that are expected to work reliable in an
arduous environment.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD 0402 ChipLED
• Product series: standard
• Angle of half intensity: ± 65°
FEATURES
• Super thin ChipLED with exceptional brightness
1.0 mm x 0.5 mm x 0.35 mm (L x W x H)
• High reliability PCB based
• Wavelength (470 to 475) nm (blue), typ. 571 nm
(yellow green), (587 to 597) nm (yellow), typ.
605 nm (soft orange), typ. 631 nm (super red)
• AllnGaP and InGaN technology
• Viewing angle: extremely wide 130°
• Grouping
parameter:
luminous
intensity,
wavelength
(except
super
red
and
soft
orange), VF
• Available in 8 mm tape on 7" diameter reel
• Compatible to IR reflow soldering
• Preconditioning according to JEDEC® level 2a
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Backlight keypads
• Navigation systems
• Cellular phone displays
• Displays for industrial control systems
• Miniaturized color effects
• Traffic displays
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN. TYP.
MAX.
VLMS1500-GS08
Super red
18
54
180
20
-
631
-
20
1.80
2.00
2.40
20
AlInGaP
VLMS1501-GS08
Super red
28
54
180
20
-
631
-
20
1.80
2.00
2.40
20
AlInGaP
VLMS1502-GS08
Super red
45
-
112
20
624
631
636
20
1.80
2.00
2.40
20
AlInGaP
VLMO1500-GS08
Soft orange
45
90
280
20
598
605
612
20
1.80
2.00
2.40
20
AlInGaP
VLMY1500-GS08
Yellow
28
90
180
20
587
590
597
20
1.80
2.00
2.40
20
AlInGaP
VLMY1501-GS08
Yellow
45
90
180
20
587
590
597
20
1.80
2.00
2.40
20
AlInGaP
VLMG1500-GS08
Yellow green
18
35
112
20
567.5
571
576.5
20
1.90
2.00
2.40
20
AlInGaP
VLMTG1500-GS08
True green
28
-
280
5
520
-
535
5
2.50
-
3.10
5
InGaN
VLMTG1501-GS08
True green
56
-
180
5
520
-
535
5
2.50
-
3.10
5
InGaN
VLMB1500-GS08
Blue
11.2
28
45
5
470
472
475
5
2.65
2.80
3.15
5
InGaN
VLMB1501-GS08
Blue
22.4
28
71
5
470
472
475
5
2.65
2.80
3.15
5
InGaN


Similar Part No. - VLMS150.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS150 VISHAY-VLMS150 Datasheet
235Kb / 12P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMS1500 VISHAY-VLMS1500 Datasheet
215Kb / 11P
Ultrabright 0402 ChipLED
21-May-12
VLMS1500-GS08 VISHAY-VLMS1500-GS08 Datasheet
215Kb / 11P
Ultrabright 0402 ChipLED
21-May-12
VLMS1500-GS08 VISHAY-VLMS1500-GS08 Datasheet
266Kb / 12P
Ultrabright 0402 ChipLED
05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1500-GS08 TO-GRACE-VLMS1500-GS08 Datasheet
743Kb / 12P
Ultrabright 0402 ChipLED
More results

Similar Description - VLMS150.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS1500 VISHAY-VLMS1500 Datasheet
215Kb / 11P
Ultrabright 0402 ChipLED
21-May-12
VLMW1500 VISHAY-VLMW1500 Datasheet
188Kb / 8P
Ultrabright 0402 ChipLED
21-May-12
logo
List of Unclassifed Man...
L03R3000F1 ETC2-L03R3000F1 Datasheet
211Kb / 3P
ULTRABRIGHT YELLOW
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15 Datasheet
185Kb / 8P
Ultrabright 0402 ChipLED
10-Jul-14
VLMS150X VISHAY-VLMS150X Datasheet
266Kb / 12P
Ultrabright 0402 ChipLED
05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1500-GS08 TO-GRACE-VLMS1500-GS08 Datasheet
743Kb / 12P
Ultrabright 0402 ChipLED
VLMW1500-GS08 TO-GRACE-VLMW1500-GS08 Datasheet
528Kb / 8P
Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMS150 VISHAY-VLMS150_V01 Datasheet
235Kb / 12P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMW15 VISHAY-VLMW15_V01 Datasheet
264Kb / 8P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMW15 VISHAY-VLMW15_V02 Datasheet
263Kb / 8P
Ultrabright 0402 ChipLED
19-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com