Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS150. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMS150.
Description  Ultrabright 0402 ChipLED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS150. Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMS150. Datasheet HTML 1Page - Vishay Siliconix VLMS150. Datasheet HTML 2Page - Vishay Siliconix VLMS150. Datasheet HTML 3Page - Vishay Siliconix VLMS150. Datasheet HTML 4Page - Vishay Siliconix VLMS150. Datasheet HTML 5Page - Vishay Siliconix VLMS150. Datasheet HTML 6Page - Vishay Siliconix VLMS150. Datasheet HTML 7Page - Vishay Siliconix VLMS150. Datasheet HTML 8Page - Vishay Siliconix VLMS150. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VLMS150., VLMO1500, VLMY150., VLMG1500, VLMTG150., VLMB150.
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 19-Mar-2021
4
Document Number: 82554
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 15 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one reel.
In order to ensure availability, single wavelength groups will not
be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms and
an accuracy of ± 1 nm.
Note
• Forward voltage is measured with a tolerance of ± 0.1 V
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
MIN.
MAX.
VLMS150x, VLMO1500, VLMY150x, VLMTG1500, VLMG1500,
VLMB1500
L
11.2
18
M18
28
N28
45
P45
71
Q
71
112
R
112
180
S
180
280
T
280
450
VLMB1501, VLMTG1501
M2
22.4
28
N1
28
35.5
N2
35.5
45
P1
45
56
P2
56
71
Q1
71
90
Q2
90
112
R1
112
140
R2
140
180
COLOR CLASSIFICATION
COLOR
GROUP
DOMINANT WAVELENGTH
(nm)
MIN.
MAX.
Yellow
J
587
589.5
K
589.5
592
L
592
594.5
M
594.5
597
Yellow green
C
567.5
570.5
D
570.5
573.5
E
573.5
576.5
True green
AP
520
525
AQ
525
530
AR
530
535
Blue
AD
470
475
FORWARD VOLTAGE CLASSIFICATION
COLOR
GROUP
FORWARD VOLTAGE (V)
MIN.
MAX.
Yellow
D2
1.8
2.0
D3
2.0
2.2
D4
2.2
2.4
Yellow green
41.9
2
52
2.1
62.1
2.2
72.2
2.3
82.3
2.4
True green
E6
2.50
2.70
E7
2.70
2.90
E8
2.90
3.10
Blue
1
2.65
2.75
2
2.75
2.85
3
2.85
2.95
4
2.95
3.05
5
3.05
3.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com