Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS150. Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VLMS150.
Description  Ultrabright 0402 ChipLED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS150. Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VLMS150. Datasheet HTML 4Page - Vishay Siliconix VLMS150. Datasheet HTML 5Page - Vishay Siliconix VLMS150. Datasheet HTML 6Page - Vishay Siliconix VLMS150. Datasheet HTML 7Page - Vishay Siliconix VLMS150. Datasheet HTML 8Page - Vishay Siliconix VLMS150. Datasheet HTML 9Page - Vishay Siliconix VLMS150. Datasheet HTML 10Page - Vishay Siliconix VLMS150. Datasheet HTML 11Page - Vishay Siliconix VLMS150. Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
VLMS150., VLMO1500, VLMY150., VLMG1500, VLMTG150., VLMB150.
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 19-Mar-2021
10
Document Number: 82554
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
VLMx150x-Series
SOLDERING PROFILE
Fig. 20 - Vishay Lead (Pb)-free Reflow Soldering Profile
(according to J-STD-020C)
BAR CODE PRODUCT LABEL (Example only)
A. 2D barcode
B. Part No: Vishay part number
C. QTY: quantity
D. SelCode: selection bin code
E. Country of origin
F. PTC: product plant code
G. Termination finish
H. Region code
I. Serial#: serial number
K. Batch Number: year, week, country code, plant code
L. SL: storage location
M. Environmental
Symbols:
RoHS,
lead
(Pb)-free,
halogen-free
N. Lot numbers
Not indicated tolerances ± 0.1
Drawing-No.: 6.541-5096.01-4
Issue: 2; 10.03.21
Recommended solder
pad footprint
0.6
1.55
1
0.325
0.325
Cathode
Technical drawings
according to DIN
specification
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
255
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. Ramp Up 3 °C/s
max. Ramp Down 6 °C/s
255 °C
IR Reflow Soldering Profile for lead (Pb)-free Soldering
Preconditioning acc. to JEDEC Level 2a
max. 2 cycles allowed
A
B
D
C
F
G
I
N
K
L
E
H
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com