Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3120 Datasheet (PDF) - Sipex Corporation

HS3120 Datasheet PDF - Sipex Corporation
Part # HS3120
Download  HS3120 Download
File Size   248.42 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Double Buffered 12-Bit MDAC

HS3120 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS3120 Datasheet PDF - Sipex Corporation

Part # HS3120
Download  HS3120 Click to download

File Size   248.42 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Double Buffered 12-Bit MDAC

HS3120 Datasheet (HTML) - Sipex Corporation


HS3120 Product details

DESCRIPTION…
The SP7512 and HS3120 are precision 12-bit multiplying DACs, double–buffered for easy interfacing with microprocessor busses. Both unipolar and bipolar operation can be accommodated with a minimum of external components. The SP7512 is available for use in commercial and industrial temperature ranges, packaged in a 28-pin SOIC. The HS3120 is available in commercial and military temperature ranges, packaged in a 28–pin side–brazed DIP.

■ Monolithic Construction
■ 12–Bit Resolution
■ 0.01% Non-Linearity
■ Four–Quadrant Multiplication
■ Latch-up Protected
■ Low Power – 30mW
■ Single +15V Power Supply




Similar Part No. - HS3120

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
HS3120 APITECH-HS3120 Datasheet
3Mb / 3P
Double Buffered 12-Bit MDAC
HS3120-0 APITECH-HS3120-0 Datasheet
3Mb / 3P
Double Buffered 12-Bit MDAC
HS3120-2 APITECH-HS3120-2 Datasheet
3Mb / 3P
Double Buffered 12-Bit MDAC
HS312000 APITECH-HS312000 Datasheet
3Mb / 3P
Double Buffered 12-Bit MDAC
HS3120B-0 APITECH-HS3120B-0 Datasheet
3Mb / 3P
Double Buffered 12-Bit MDAC
More results


Similar Description - HS3120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
12-Bit, uP Compatible, Double-Buffered D to A Converters
logo
Analog Devices
DAC8222 AD-DAC8222 Datasheet
491Kb / 15P
Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
REV.C
DAC8248 AD-DAC8248 Datasheet
350Kb / 16P
Dual 12-Bit 8-Bit Byte Double-Buffered CMOS D/A Converter
REV.B
logo
Maxim Integrated Produc...
MAX532 MAXIM-MAX532 Datasheet
162Kb / 16P
Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
Double-Buffered 12-Bit Multiplying DAC
logo
Analog Devices
DAC8248FS AD-DAC8248FS Datasheet
352Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
logo
API Technologies Corp
HS3160 APITECH-HS3160 Datasheet
2Mb / 3P
Monolithic 16-Bit MDAC
HS3120 APITECH-HS3120 Datasheet
3Mb / 3P
Double Buffered 12-Bit MDAC
logo
Analog Devices
DAC8248FPZ AD-DAC8248FPZ Datasheet
362Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
DAC8222 AD-DAC8222_15 Datasheet
497Kb / 15P
Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com