Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX532 Datasheet (PDF) - Maxim Integrated Products

MAX532 Datasheet PDF - Maxim Integrated Products
Part # MAX532
Download  MAX532 Download
File Size   162.94 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, Serial-Input, Voltage-Output, 12-Bit MDAC

MAX532 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX532 Datasheet PDF - Maxim Integrated Products

Part # MAX532
Download  MAX532 Click to download

File Size   162.94 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, Serial-Input, Voltage-Output, 12-Bit MDAC

MAX532 Datasheet (HTML) - Maxim Integrated Products


MAX532 Product details

General Description
The MAX532 is a complete, dual, serial-input, 12-bit multiplying digital-to-analog converter (MDAC) with out put amplifiers. No external user trims are required to achieve full specified performance. The MAX532’s 3-wire serial interface minimizes the number of package pins, so it uses less board space than parallel-interface parts. The interface is SPI™, QSPI™ and Microwire™ compatible. A serial output, DOUT, allows cascading of two or more MAX532s and read-back of the data written to the device.
The device’s serial interface minimizes digital-noise feedthrough from its logic pins to its analog outputs. Serial interfacing also simplifies opto-coupler-isolated or transformer-isolated applications.
The MAX532 is specified with ±12V to ±15V power supplies. All logic inputs are TTL and CMOS compatible. It comes in space-saving 16-pin DIP and wide SO packages.

Features
♦ Two 12-Bit MDACs with Output Amplifiers
♦ Fast, 6MHz 3-Wire Interface
♦ SPI, QSPI, and Microwire Compatible
♦ ±12V Output Swing
♦ ±10mA Output Current
♦ 2.5µs Settling Time to ±1/2LSB
♦ Guaranteed Monotonic Over Temperature
♦ Low Integral Nonlinearity: ±1/2LSB Max
♦ Low Gain Tempco: 2ppm/°C
♦ Operates from ±12V to ±15V Supplies
♦ Power-On Reset
♦ Available in 16-Pin DIP and Wide SO Packages

Applications
   Automatic Test Equipment
   Arbitrary Waveform Generators
   Programmable-Gain Amplifiers
   Motion Control Systems
   Servo Controls




Similar Part No. - MAX532

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
MAX5322EAI MAXIM-MAX5322EAI Datasheet
692Kb / 18P
짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
More results


Similar Description - MAX532

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
Dual 12-Bit Serial Input Voltage Output DAC
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
Serial Input, Voltage Output 12-/14-Bit DACs
REV.0
logo
Sipex Corporation
HS3120 SIPEX-HS3120 Datasheet
248Kb / 4P
Double Buffered 12-Bit MDAC
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
logo
Texas Instruments
DAC7614 TI1-DAC7614_09 Datasheet
503Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output
DAC7615 TI1-DAC7615_09 Datasheet
505Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com