Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5322 Datasheet (PDF) - Maxim Integrated Products

MAX5322 Datasheet PDF - Maxim Integrated Products
Part # MAX5322
Download  MAX5322 Download
File Size   692.54 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC

MAX5322 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5322 Datasheet PDF - Maxim Integrated Products

Part # MAX5322
Download  MAX5322 Click to download

File Size   692.54 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC

MAX5322 Datasheet (HTML) - Maxim Integrated Products


MAX5322 Product details

General Description
The MAX5322 dual, 12-bit, serial-interface, digital-to-analog converter (DAC) provides bipolar ±5V to ±10V outputs from ±12V to ±15V analog power-supply voltages, or unipolar 5V to 10V outputs from a single 12V to 15V analog power-supply voltage.
The device features a fast 10MHz SPI™-/QSPI™-/MICROWIRE™-compatible serial interface that operates with 3V or 5V logic. Additional features include a serial data output (DOUT) for daisy chaining and read-back functions. The MAX5322 requires external reference voltages of 2V to 5.25V and is available in a 28-pin SSOP package that operates over the extended (-40°C to +85°C) temperature range.

Features
♦ Unipolar or Bipolar Output-Voltage Ranges
   Unipolar: 0 to +2 x VREF (Single or Dual Supply)
   Bipolar: -2 x VREF to +2 x VREF (Dual Supply)
♦ Guaranteed INL ≤ ±1 LSB (max)
♦ Guaranteed Monotonic: DNL ≤ ±1 LSB (max)
♦ 10µs Settling Time to 0.5 LSB
♦ Low 2.8µA Shutdown Current
♦ Fast 10MHz SPI-/QSPI-/MICROWIRE-Compatible
   Serial Interface
♦ Power-On Reset Sets DAC Output to 0V
♦ Schmitt Trigger Inputs for Direct
   Optocoupler Interface
♦ Serial-Data Output Allows Daisy-Chaining
   of Devices
♦ 28-Pin SSOP (8mm x 10mm)

Applications
   Motor Control
   Industrial Process Controls
   Industrial Automation
   Automatic Test Equipment (ATE)
   Analog I/O Boards
   Data-Acquisition Systems




Similar Part No. - MAX5322

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX532 MAXIM-MAX532 Datasheet
162Kb / 16P
Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532ACPE MAXIM-MAX532ACPE Datasheet
162Kb / 16P
Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532ACWE MAXIM-MAX532ACWE Datasheet
162Kb / 16P
Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532AEPE MAXIM-MAX532AEPE Datasheet
162Kb / 16P
Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
MAX532AEWE MAXIM-MAX532AEWE Datasheet
162Kb / 16P
Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
More results


Similar Description - MAX5322

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
Dual 12-Bit Serial Input Voltage Output DAC
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Maxim Integrated Produc...
MAX5822 MAXIM-MAX5822 Datasheet
287Kb / 13P
Dual, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
-10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com