Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC16835 Datasheet (PDF) - NXP Semiconductors

74AVC16835 Datasheet PDF - NXP Semiconductors
Part # 74AVC16835
Download  74AVC16835 Download
File Size   89.41 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit registered driver 3-State

74AVC16835 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC16835 Datasheet PDF - NXP Semiconductors

Part # 74AVC16835
Download  74AVC16835 Click to download

File Size   89.41 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit registered driver 3-State

74AVC16835 Datasheet (HTML) - NXP Semiconductors


74AVC16835 Product details

DESCRIPTION
The 74AVC16835 is a 18-bit universal bus driver. Data flow is controlled by output enable (OE), latch enable (LE) and clock inputs (CP).
This product is designed to have an extremely fast propagation delay and a minimum amount of power consumption.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor (Live Insertion).
A Dynamic Controlled Output (DCO) circuitry is implemented to support termination line drive during transient. See the graphs on page 8 for typical curves.

FEATURES
● Wide supply voltage range of 1.2 V to 3.6 V
● Complies with JEDEC standard no. 8-1A/5/7.
● CMOS low power consumption
● Input/output tolerant up to 3.6 V
● DCO (Dynamic Controlled Output) circuit dynamically changes
   output impedance, resulting in noise reduction without speed
   degradation
● Low inductance multiple VCC and GND pins for minimum noise
   and ground bounce
● Power off disables 74AVC16835 outputs, permitting Live Insertion




Similar Part No. - 74AVC16835

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16835A NEXPERIA-74AVC16835A Datasheet
236Kb / 15P
18-bit registered driver with Dynamic Controlled Outputs 3-state
logo
NXP Semiconductors
74AVC16835A_5 PHILIPS-74AVC16835A_5_15 Datasheet
125Kb / 12P
18-bit registered driver with Dynamic Controlled OutputsE (3-State)
2002 Mar 15
logo
Texas Instruments
74AVC16835DGGRE4 TI1-74AVC16835DGGRE4 Datasheet
429Kb / 17P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74AVC16835DGGRG4 TI1-74AVC16835DGGRG4 Datasheet
429Kb / 17P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74AVC16835DGVRE4 TI1-74AVC16835DGVRE4 Datasheet
429Kb / 17P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74AVC16835

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16835A PHILIPS-74ALVC16835A Datasheet
119Kb / 12P
18-bit registered driver 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
18-bit registered driver with inverted register enable 3-State
1999 Jul 23
74AVCM162835 PHILIPS-74AVCM162835 Datasheet
97Kb / 10P
18-bit registered driver with 15 ohm termination resistors 3-State
2001 Apr 20
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
74ALVCHT16835 PHILIPS-74ALVCHT16835 Datasheet
93Kb / 12P
18-bit registered driver (3-State)
2002 Jun 05
74AVC16835A_5 PHILIPS-74AVC16835A_5_15 Datasheet
125Kb / 12P
18-bit registered driver with Dynamic Controlled OutputsE (3-State)
2002 Mar 15
logo
Nexperia B.V. All right...
74AVC16835A NEXPERIA-74AVC16835A Datasheet
236Kb / 15P
18-bit registered driver with Dynamic Controlled Outputs 3-state
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
74ALVC16835A NEXPERIA-74ALVC16835A Datasheet
200Kb / 15P
18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com