Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC16835A Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVC16835A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVC16835A
Download  74ALVC16835A Download
File Size   200.25 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit registered driver; 3-state

74ALVC16835A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC16835A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVC16835A
Download  74ALVC16835A Click to download

File Size   200.25 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit registered driver; 3-state

74ALVC16835A Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVC16835A Product details

1 General description
The 74ALVC16835A is a 18–bit registered driver. Data flow is controlled by active low
output enable (OE), active low latch enable (LE) and clock inputs (CP).
When LE is LOW, the A to Y data flow is transparent. When LE is HIGH and CP is held
at LOW or HIGH, the data is latched; on the LOW to HIGH transient of CP the A-data is
stored in the latch/flip-flop.
When OE is LOW the outputs are active. When OE is HIGH, the outputs go to the
high impedance OFF–state. Operation of the OE input does not affect the state of the
latch/flip-flop.
To ensure the high-impedance state during power up or power down, OE should be tied
to VCC through a pullup resistor; the minimum value of the resistor is determined by the
current-sinking capability of the driver.
2 Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low-power consumption
• Direct interface with TTL levels
• Current drive ± 24 mA at 3.0 V
• MULTIBYTE flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Output drive capability 50 Ω transmission lines at 85°C
• Input diodes to accommodate strong drivers
• Complies with JEDEC standards:
– JESD8-5 (2.3 V to 2.7 V)
– JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
– HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
– CDM JESD22-C101E exceeds 1000 V




Similar Part No. - 74ALVC16835A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16835A PHILIPS-74ALVC16835A Datasheet
119Kb / 12P
18-bit registered driver 3-State
2000 Mar 14
74ALVC16835ADGG PHILIPS-74ALVC16835ADGG Datasheet
119Kb / 12P
18-bit registered driver 3-State
2000 Mar 14
74ALVC16835A PHILIPS-74ALVC16835A_15 Datasheet
123Kb / 12P
74ALVC16835A_15
2000 Mar 14
More results


Similar Description - 74ALVC16835A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16835A PHILIPS-74ALVC16835A Datasheet
119Kb / 12P
18-bit registered driver 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
18-bit registered driver with inverted register enable 3-State
1999 Jul 23
74AVC16835 PHILIPS-74AVC16835 Datasheet
89Kb / 10P
18-bit registered driver 3-State
1999 Jul 23
74AVCM162835 PHILIPS-74AVCM162835 Datasheet
97Kb / 10P
18-bit registered driver with 15 ohm termination resistors 3-State
2001 Apr 20
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
74ALVCHT16835 PHILIPS-74ALVCHT16835 Datasheet
93Kb / 12P
18-bit registered driver (3-State)
2002 Jun 05
74AVC16835A_5 PHILIPS-74AVC16835A_5_15 Datasheet
125Kb / 12P
18-bit registered driver with Dynamic Controlled OutputsE (3-State)
2002 Mar 15
logo
Nexperia B.V. All right...
74AVC16835A NEXPERIA-74AVC16835A Datasheet
236Kb / 15P
18-bit registered driver with Dynamic Controlled Outputs 3-state
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com