Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TES-2H Datasheet (PDF) - TRACO Electronic AG

TES-2H Datasheet PDF - TRACO Electronic AG
Part # TES-2H
Download  TES-2H Download
File Size   840.49 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TES 2H Series, 2 Watt

TES-2H Datasheet (PDF)

Go To PDF Page Download Datasheet
TES-2H Datasheet PDF - TRACO Electronic AG

Part # TES-2H
Download  TES-2H Click to download

File Size   840.49 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TES 2H Series, 2 Watt

TES-2H Datasheet (HTML) - TRACO Electronic AG


TES-2H Product details

• I/O isolation voltage 1'500 VDC
• Unregulated device
• Single and dual output models
• Input voltage 5, 12 and 24 VDC
• High efficiency up to 80%
• Operating Temperature range
-40 to +90°C
• High accuracy of pin co-planarity
• Qualified for leadfree reflow solder
process according IPC/JEDEC
J-STD-020E
• Available in tape and reel package
• 3-year product warranty




Similar Part No. - TES-2H

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
TES-250-M12 ORING-TES-250-M12 Datasheet
4Mb / 4P
5-port lite-managed Ethernet switch
logo
TRACO Electronic AG
TES-2M TRACOPOWER-TES-2M Datasheet
908Kb / 4P
TES 2M Series, 2 Watt
Rev. November 30, 2022
TES-2N TRACOPOWER-TES-2N Datasheet
210Kb / 3P
DC/DC Converters TES 2N Series, 2 Watt
Rev. September 16, 2022
More results


Similar Description - TES-2H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F7NP6A ONSEMI-LC87F7NP6A Datasheet
288Kb / 28P
LC87F7NC8AUEJ-2H
October 2014 - Rev. 1
logo
PHOENIX CONTACT
1027904 PHOENIX-1027904 Datasheet
486Kb / 9P
I/O module - AXL F DO16/2 2H
12/24/2021
logo
TRACO Electronic AG
TES1 TRACOPOWER-TES1 Datasheet
906Kb / 4P
TES 1 Series, 1 Watt
Rev. November 30, 2022
TES1V TRACOPOWER-TES1V Datasheet
827Kb / 4P
TES 1V Series, 1 Watt
Rev. November 30, 2022
TES2M TRACOPOWER-TES2M Datasheet
908Kb / 4P
TES 2M Series, 2 Watt
Rev. November 30, 2022
TES3WI TRACOPOWER-TES3WI Datasheet
779Kb / 4P
TES 3WI Series, 3 Watt
Rev. November 30, 2022
TES5WI TRACOPOWER-TES5WI Datasheet
780Kb / 4P
TES 5WI Series, 5 Watt
Rev. November 30, 2022
TES2N TRACOPOWER-TES2N Datasheet
210Kb / 3P
DC/DC Converters TES 2N Series, 2 Watt
Rev. September 16, 2022
TES3 TRACOPOWER-TES3 Datasheet
278Kb / 4P
DC/DC Converters TES 3 Series, 3 Watt
Rev. October 6, 2021
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com